Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CXA1850-0000-000N0HW250H Datasheet(PDF) 1 Page - Cree, Inc |
|
CXA1850-0000-000N0HW250H Datasheet(HTML) 1 Page - Cree, Inc |
1 / 15 page Product family data sheet Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and easyWhite® are registered trademarks of Cree, Inc. Cree, Inc. 4600 Silicon Drive Durham, NC 27703 USA Tel: +1.919.407.5300 cree ® Xlamp® cXa1850 led Product descriPtion The XLamp CXA1850 expands Cree’s family of High Density (HD) LeD arrays, featuring a 12-mm optical source and enabling lighting manufacturers to create a new generation of products that delivers the same intensity and light quality as 70-W ceramic metal halide (CmH) at up to 50 percent lower power. The new HD class of CXA arrays provide unrivaled lumen density that can reduce system cost for the next generation of LeD spotlights. The CXA LeD Design Guide provides basic information on the requirements to use the CXA1850 LeD successfully in luminaire designs.1 1 Cree XLamp CXA LeD Design Guide, Design Guide DG02, www.cree.com/ xlamp_app_notes/cxa_design_guide features • Available in 4-step and 2-step easyWhite® bins at 2700 K, 3000 K, 3500 K, 4000 K and 5000 K, 5700 K and 6500 K CCT • Available in ANSI white bins at 4000 K, 5000 K, 5700 K and 6500 K CCT • Available in 70-, 80- and 93-minimum CRI options • Forward voltage: 35 v • 85 °C binning and characterization • maximum drive current: 2100 mA • 115° viewing angle, uniform chromaticity profile • Top-side solder connections • Thermocouple attach point • NEMASSL-32011standardflux bins table of contents Characteristics .............................. 2 operating Limits............................ 2 Flux Characteristics, easyWhite order Codes and Bins .................... 3 Flux Characteristics, ANSI White order Codes and Bins .................... 5 Relative Spectral power Distribution . 6 electrical Characteristics................. 6 Relative Luminous Flux................... 7 Typical Spatial Distribution.............. 8 performance Groups - Brightness..... 8 performance Groups - Chromaticity.. 9 Cree easyWhite Bins plotted on the CIe 1931 Color Space ...................11 Cree ANSI White Bins plotted on the CIe 1931 Color Space ..............11 Bin and order Code Formats ..........12 mechanical Dimensions..................12 Thermal Design............................13 Notes..........................................14 packaging....................................15 |
Número de pieza similar - CXA1850-0000-000N0HW250H |
|
Descripción similar - CXA1850-0000-000N0HW250H |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |