Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LFA50F Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers |
|
LFA50F Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 18 page LFA-9 LFA50F External view Block diagram FG FILTER NOISE AC IN 85 264V FUSE RECTIFIER CURRENT SENSING BOOSTER INDUCTOR INVERTER CONTROL 250V2.5A CONTROL INVERTER DC OUT TRANSFORMER CONTROL Photocoupler Photocoupler OVER VOLTAGE PROTECTION CURRENT SENSING INRUSH CURRENT LIMIT RECTIFIER AND FILTER RECTIFIER AND FILTER <PIN CONNECTION> CN1 CN2 Pin No. Input 1 AC(L) 2 3 AC(N) 4 5 FG Pin No. Output 1, 2 -V 3, 4 +V ¶ Keep drawing current per pin below 5A for CN2. I/O Connector Mating connector CN1 1-1123724-3 1-1123722-5 Chain Loose CN2 1-1123723-4 1-1123722-4 Terminal Chain Loose 1123721-1 1318912-1 1123721-1 1318912-1 (Mfr: Tyco Electronics) ¶ I/O Connector is Mfr. Tyco Electronics ¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5. ¶ Mounting torque (Mounting hole of chassis) : 0.6N -m (6.3kgf-cm) max ¶ Tolerance : ±1 [±0.04] ¶ Weight : 165g max (without chassis and cover) ¶ PCB material / thickness : CEM3 / 1.6mm ¶ Optional chassis and cover material : Electric galvanizing steel board. ¶ Dimensions in mm, [ ]=inches Standard type Chassis and cover type ¶ 4 Mounting holes are existing. ¶ The back side of P.C.B. of the power supply is assembled some SMDs. Be attention not to bump against the attached area by vibration. ¶ Use the spacer of 8mm length or more regarding insulation. And do not use press-fitting bush. ¶ Point A, Point B are thermometry points. Please refer to Instruction Manual 3. 1 3 5 FG 4 3 1 CN2 CN1 2 Name plate Voltage adjust (LFA50F-3R3-Y or optional) 3- f3.5 Mounting Hole Output(-) Output(+) Mounting Hole Point B Point A Input(L) Input(N) PCB t=1.6 132 5 4 122 ±0.5 Output(-) Output(+) FG Input(N) Input(L) 4-M3 Mounting Hole 2-M3 Mounting Hole 2- f3.5 f3.5 CN1 CN2 5 3 1 4 3 1 2 162 150 ±0.5 6 6 150 ±0.5 ¶1 Surface mount device ¶1 4.9 FG [0.2] [0.16] [5.2] [0.19] [0.24] [0.24] [6.38] [4.8] [5.91] [5.91] LFA |
Número de pieza similar - LFA50F |
|
Descripción similar - LFA50F |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |