Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS40-7 Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza BAS40-7
Descripción Electrónicos  SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS40-7 Datasheet HTML 1Page - Diodes Incorporated BAS40-7 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS11006 Rev. 12 - 2
1 of 2
BAS40 /-04 /-05 /-06
BAS40/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Note:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on our website
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 1)
IFM
200
mA
Power Dissipation (Note 1)
Pd
350
mW
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
357
°
C/W
Operating Temperature Range
Tj
-55 to +125
°
C
Storage Temperature Range
TSTG
-65 to +150
°
C
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
40
V
IR = 10mA
Forward Voltage (Note 2)
VF
380
1000
mV
tp < 300ms, IF = 1.0mA
tp < 300ms, IF = 40mA
Reverse Leakage Current (Note 2)
IR
20
200
nA
tp < 300ms, VR = 30V
Total Capacitance
CT
4.0
5.0
pF
VR = 0V, f =1.0MHz
Reverse Recovery Time
trr
5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL = 100W
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram Below
·
Weight: 0.008 grams (approx.)
·
Marking Code: See Diagrams Below & Page 2
·
Ordering Information: See Page 2
Mechanical Data
·
Low Forward Voltage Drop
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
A
E
J
L
TOP VIEW
M
B
C
H
G
D
D
K
Maximum Ratings @ TA = 25°C unless otherwise specified
BAS40 Marking: K43
BAS40-04 Marking: K44
BAS40-05 Marking: K45
BAS40-06 Marking: K46
Electrical Characteristics @ TA = 25°C unless otherwise specified
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
All Dimensions in mm


Número de pieza similar - BAS40-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
BAS40-7-F DIODES-BAS40-7-F Datasheet
257Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 19 - 2
BAS40-7-F DIODES-BAS40-7-F Datasheet
123Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 21 - 2
BAS40-7-F DIODES-BAS40-7-F Datasheet
100Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Descripción similar - BAS40-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com