Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3215MPPQX-EVB Datasheet(PDF) 8 Page - Silicon Laboratories

No. de pieza SI3215MPPQX-EVB
Descripción Electrónicos  EVALUATION BOARD FOR THE Si3210/15/16 PROSLIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3215MPPQX-EVB Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button SI3215MPPQX-EVB Datasheet HTML 4Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 5Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 6Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 7Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 8Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 9Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 10Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 11Page - Silicon Laboratories SI3215MPPQX-EVB Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
Si321xPPQx-EVB
8
Rev. 1.2
3. Si321x-FM-DC1 Bill of Materials
Table 7. Si321x-FM-DC1 Bill of Materials
Item
Qty
Ref
Value
Rating
Tol
Dielectric
PCB
Footprint
Mfr Part Number
Mfr
14
C1,C2,
C30,C34
10 µF
10 V
±20%
X7R
1206
C1206X7R100-106MNE
Venkel
2
2
C3,C4
220 nF
100 V
±20%
X7R
1812
18121C224MATA
AVX
3
2
C5,C6
22 nF
100 V
±20%
X7R
1206
12061C223MATA
AVX
4
2
C9,C25
10 µF
100 V
±20%
Elec
C100[6238]6
.3MMR
ECA-2AM100
Pana-
sonic
5
3
C10,C14,
C26
0.1 µF
100 V
±20%
X7R
1206
12061C104MATA
AVX
6
4
C15,C16,
C17,C20
0.1 µF
16 V
±20%
X7R
0603
0603YC104MATA
AVX
7
2
C18,C19
4.7 µF
16 V
±20%
X7R
1206
C1206X7R160-475MNE
Venkel
10
1
D1
ES1D
DO-214
ES1D
Central
Semi
11
2
D3,D4
Thyristor-
Diode
DO-214
P1101SC
Littelfuse
12
1
F1
500 mA
F1206[60X6
0]
SSQ 500
Bel Fuse
Inc.
13
4
JS1,JS3,
JS4,JS5
SOCKET
5x2
CONN2X5-
SSQ
SSQ-1-05-24-F-D
Samtec
14
1
JS2
SOCKET
2x2/SM
CONN2X2-
100-SSM
SSM-102-L-DV-TR
Samtec
15
1
JS6
HDR 2x2/
SM
CONN2X2-
100-TSM
TSM-102-02-T-DV
Samtec
16
1
J1
RJ-11
RJ11-6-SMT
555077-2
AMP
17
1
J2
HEADER
3X1
CONN-1X3
2303-6111TN
3M
18
1
L1
100 µH
1.7 A
IND[220X15
0]SPD
SPD127-104
API
Delevan
19
1
L2
47 µH
150 mA
IND-
NLC3225
NLC322522T-470K
TDK
20
1
Q7
FZT953
SOT-223
FZT953
Zetex
21
2
Q8,Q9
2222
SOT-23
MMBT2222
Motorola
22
2
RF1,RF2
TeleLink
F350[145X1
57]
F1250T
Littelfuse
23
2
R1,R3
200 k
1/10 W
±1%
0805
CR0805-10W-2003FT
Venkel
24
2
R2,R4
105 k
1/10 W
±1%
0805
CR0805-10W-1053FT
Venkel
25
2
R5,R105
100 k
1/10 W
±1%
0805
CR0805-10W-1003FT
Venkel
26
2
R6,R7
4.02 k
1/10 W
±1%
0805
CR0805-10W-4021FT
Venkel


Número de pieza similar - SI3215MPPQX-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3215MPPQX-EVB SILABS-SI3215MPPQX-EVB Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
More results

Descripción similar - SI3215MPPQX-EVB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
AN45 SILABS-AN45 Datasheet
219Kb / 14P
   DESIGN GUIDE FOR THE Si3210/15/16 DC-DC CONVERTER
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Silicon Laboratories
SI2493 SILABS-SI2493 Datasheet
684Kb / 36P
   Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com