Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7005-B-GM Datasheet(PDF) 9 Page - Silicon Laboratories

No. de pieza SI7005-B-GM
Descripción Electrónicos  DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI7005-B-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button SI7005-B-GM Datasheet HTML 5Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 6Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 7Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 8Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 9Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 10Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 11Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 12Page - Silicon Laboratories SI7005-B-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Si7005
Rev. 1.2
9
Table 6. Thermal Characteristics
Parameter
Symbol
Test Condition
QFN-24
Unit
Junction-to-Air Thermal Resistance
JA
JEDEC 4-layer board
55
°C/W
Junction-to-Air Thermal Resistance
JA
2-layer evaluation PCB with
minimal thermal pad
110
°C/W
Table 7. Absolute Maximum Ratings1,2
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Ambient Temperature under Bias
–55
125
°C
Storage Temperature
–65
150
°C
Voltage on SDA or SCL pin with
respect to GND
–0.3
3.9
V
Voltage on CS pin with respect to
GND
–0.3
VDD + 0.3
V
Voltage on VDD with respect to GND
–0.3
4.2
V
ESD Tolerance
HBM
3
kV
CDM
750
V
MM
300
V
Notes:
1. Absolute maximum ratings are stress ratings only; operation at or beyond these conditions is not implied and may
shorten the life of the device or alter its performance.
2. For best accuracy, after removal from the sealed shipping bags, the Si7005 should be stored in climate controlled
conditions (10 to 35 °C, 20 to 60 %RH). Exposure to high temperature and/or high humidity environments can cause a
small upwards shift in RH readings.


Número de pieza similar - SI7005-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si7005-B-GM SILABS-Si7005-B-GM Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
Si7005-B-GM1 SILABS-Si7005-B-GM1 Datasheet
75Kb / 1P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Descripción similar - SI7005-B-GM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
   Digital Temperature and Humidity Sensor
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7013 SILABS-SI7013 Datasheet
399Kb / 43P
   I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com