Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N46-000E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza 4N46-000E
Descripción Electrónicos  High Gain Darlington Output Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

4N46-000E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button 4N46-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED 4N46-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
VCC = 5 V
VCC = 5 V
Figure 5. Current transfer ratio vs. input
current.
Figure 6. Propagation delay vs. forward
current.
Figure 7. Propagation delay vs. temperature.
Notes:
1. Derate linearly above 50
°C free-air
temperature at a rate of 0.4 mA/
°C.
2. Derate linearly above 50
°C free-air
temperature at a rate of 0.7 mW/
°C.
3. Derate linearly above 25
°C free-air
temperature at a rate of 0.8 mA/
°C.
4. Derate linearly above 25
°C free-air
temperature at a rate of 1.5 mW/
°C.
5. DC CURRENT TRANSFER RATIO is defined
as the ratio of output collector current, IO,
to the forward LED input current, IF, times
100%.
state (i.e., VO > 2.5 V). Common mode
transient immunity in Logic Low level is
the maximum tolerable (negative)
dVcm/dt on the trailing edge of the
common mode pulse signal, Vcm, to assure
that the output will remain in a Logic Low
state (i.e., VO < 2.5 V).
10. In accordance with UL 1577, each
optocoupler is proof tested by applying an
insulation test voltage
≥ 4500 V rms for 1
second (leakage detection current limit,
II-O ≤ 5 µA).
6. Pin 6 Open.
7. Device considered a two-terminal device:
Pins 1, 2, 3 shorted together and Pins 4, 5,
and 6 shorted together.
8. Use of a resistor between pin 4 and 6 will
decrease gain and delay time. (See Figures
11, 12, and 13.)
9. Common mode transient immunity in Logic
High level is the maximum tolerable
(positive) dVcm/dt on the leading edge of
the common mode pulse, VCM, to assure
that the output will remain in a Logic High
Figure 2. Input diode forward current vs.
forward voltage.
Figure 3. Typical DC transfer characteristics.
Figure 4. Output current vs. input current.
Package Characteristics
For 0
°C ≤ T
A ≤ 70°C, unless otherwise specified. All typicals at TA = 25°C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Notes
Input-Output Momentary
VISO
3750
V rms
RH
≤ 50%, t = 1 min,
7, 10
Withstand Voltage*
TA = 25°C
Resistance, Input-Output
RI-O
1012
VI-O = 500 Vdc
7
Capacitance, Input-Output
CI-O
0.6
pF
f = 1 MHz
7
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level safety specification,
or Avago Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


Número de pieza similar - 4N46-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
4N46 HP-4N46 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
4N46300 HP-4N46300 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
4N46500 HP-4N46500 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
More results

Descripción similar - 4N46-000E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
4N45 HP-4N45 Datasheet
227Kb / 7P
   High Gain Darlington Output Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com