Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MTB04N03Q8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza MTB04N03Q8
Descripción Electrónicos  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB04N03Q8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB04N03Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB04N03Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C789Q8
Issued Date : 2011.12.16
Revised Date :
Page No. : 2/9
MTB04N03Q8
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current @ TC=25
°C
25
Continuous Drain Current @ TC=100
°C
ID
16
Pulsed Drain Current
IDM
100 *1
Avalanche Current
IAS
20
A
Avalanche Energy @ L=0.1mH, ID=20A, VDD=15V
EAS
40
Repetitive Avalanche Energy @ L=0.05mH
EAR
0.3 *2
mJ
TA=25℃
2.5
Total Power Dissipation
TA=100℃
PD
1
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
Rth,j-c
25
°C/W
Thermal Resistance, Junction-to-ambient, max
Rth,j-a
50 *3
°C/W
Note : 1. Pulse width limited by maximum junction temperature
2. Duty cycle≤1%
3. Surface mounted on 1 in² copper pad of FR-4 board, 125
°C/W when mounted on minimum copper pad
Characteristics (TC=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
V
VGS=0, ID=250μA
VGS(th)
1.0
1.6
2.5
V
VDS = VGS, ID=250μA
GFS *1
-
32
-
S
VDS =5V, ID=18A
IGSS
-
-
±
100
nA
VGS=±20
-
-
1
VDS =30V, VGS =0
IDSS
-
-
25
μA
VDS =30V, VGS =0, Tj=125
°C
-
3.5
4
VGS =10V, ID=18A
RDS(ON) *1
-
4.8
6
VGS =4.5V, ID=12A
Dynamic
Ciss
-
4200
-
Coss
-
405
-
Crss
-
400
-
pF
VGS=0V, VDS=15V, f=1MHz


Número de pieza similar - MTB04N03Q8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB04N03Q8 CYSTEKEC-MTB04N03Q8 Datasheet
444Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03Q8-0-T3-G CYSTEKEC-MTB04N03Q8-0-T3-G Datasheet
444Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB04N03Q8 CYSTEKEC-MTB04N03Q8_15 Datasheet
444Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

Descripción similar - MTB04N03Q8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03H8 CYSTEKEC-MTB02N03H8 Datasheet
345Kb / 11P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com