Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

5-1393230-1 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza 5-1393230-1
Descripción Electrónicos  Power PCB Relay RPII/1
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

5-1393230-1 Datasheet(HTML) 3 Page - Tyco Electronics

  5-1393230-1 Datasheet HTML 1Page - Tyco Electronics 5-1393230-1 Datasheet HTML 2Page - Tyco Electronics 5-1393230-1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RPII/1 (Continued)
Product code
Version
Contact arrangementContact material
Pinning
Coil
Part number
RP310012
16A, flux proof
1 form C (CO) contact
AgCdO
5mm 16A
12VDC
2-1393230-9
RP310024
24VDC
3-1393230-2
RP310048
48VDC
3-1393230-3
RP330012
1 form A (NO) contact
12VDC
4-1393230-7
RP330024
24VDC
4-1393230-9
RP330048
48VDC
5-1393230-1
RP410024
12A, flux proof
1 form C (CO) contact
5mm 8/12A
24VDC
8-1393230-2
RP411024
8A, flux proof
AgNi0.15
9-1393230-5
RP412024
3.5mm
1-1393231-2
RP418012
12A, flux proof
AgCdO
12VDC
2-1393231-5
RP418024
24VDC
2-1393231-8
RP438012
1 form A (NO) contact
12VDC
5-1393231-0
RP710012
16A, wash tight
1 form C (CO) contact
5mm 16A
7-1393231-2
RP710024
24VDC
7-1393231-5
RP730012
1 form A (NO) contact
12VDC
8-1393231-2
RP818012
12A, wash tight
3.5mm
1-1393232-7
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request


Número de pieza similar - 5-1393230-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TE Connectivity Ltd
5-1393230-1 TEC-5-1393230-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
More results

Descripción similar - 5-1393230-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
2-1393230-6 MACOM-2-1393230-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-2 MACOM-2-1393230-2 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-9 MACOM-2-1393230-9 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP838012 MACOM-RP838012 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-8 MACOM-2-1393230-8 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-6 MACOM-2-1393232-6 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393230-5 MACOM-2-1393230-5 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393232-7 MACOM-2-1393232-7 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
RP310006 MACOM-RP310006 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
2-1393231-3 MACOM-2-1393231-3 Datasheet
494Kb / 3P
   Power PCB Relay RPII/1
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com