Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ30A Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SMAJ30A
Descripción Electrónicos  600Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ30A Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ30A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ30A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ30A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ30A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
For surface mounted application
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps
from 0 volt to BV min.
Typical IR less than 1
µA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
600 watts peak pulse power capability with a 10
x 1000 us waveform by 0.01% duty cycle
(300W above 78V).
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free,
Polarity: Indicated by cathode band
Standard packaging: 12mm tape
Maximum Ratings and Electrical Characteristics
Rating at 25
OC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms(Note 1)
PPK
600
Watts
Steady State Power Dissipation
Pd
4
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 2, 3)
IFSM
60.0
Amps
Maximum Instantaneous Forward Voltage at 25.0A for
Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on 5.0mm
2 (.013 mm Thick) Copper Pads to Each Terminal.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per
Minute Maximum.
Devices for Bipolar Applications
1.
For Bidrectional Use C or CA Suffix for Types SMAJ5.0 through Types SMAJ188.
2.
Electrical Characteristics Apply in Both Directions.
SMAJ SERIES
600Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn
SMA/DO-214AC
0. 181( 4. 60)
0. 161( 4. 10)
0. 209( 5. 30)
0. 193( 4. 90)
0. 063(1.60)
0. 051(1.30)
0. 108( 2. 75)
0. 096( 2. 45)
Dimensions in inches and(millimeters)
0. 059( 1. 50)
0. 035( 0. 90)
0. 012(0.30)
0. 006(0.15)
0. 002(0.05)
0
.078(2.00)
0.096(2.45)
0.008(0.20)


Número de pieza similar - SMAJ30A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMAJ30A VISHAY-SMAJ30A Datasheet
109Kb / 6P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Jinan Gude Electronic D...
SMAJ30A JGD-SMAJ30A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ30A SOCAY-SMAJ30A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ30A LUGUANG-SMAJ30A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Shanghai Shunye Electro...
SMAJ30A SHUNYE-SMAJ30A Datasheet
375Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - SMAJ30A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
SMBJ10A LUGUANG-SMBJ10A Datasheet
323Kb / 3P
   600Watts Surface Mount Transient Voltage Suppressor
SMB68 LUGUANG-SMB68 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com