Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMAJ190A Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No. de pieza SMAJ190A
Descripción Electrónicos  400Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Página de inicio  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ190A Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ190A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ190A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ190A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ190A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMAJ SERIES
400Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Número de pieza similar - SMAJ190A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MERITEK ELECTRONICS COR...
SMAJ190A MERITEK-SMAJ190A Datasheet
284Kb / 4P
   Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ190A CYSTEKEC-SMAJ190A Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ190A SOCAY-SMAJ190A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ190A LUGUANG-SMAJ190A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMAJ190A UNSEMI-SMAJ190A Datasheet
3Mb / 8P
   3.3 To 440V 400W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Descripción similar - SMAJ190A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
SMAJ LUGUANG-SMAJ_13 Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ200 LUGUANG-SMAJ200 Datasheet
843Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
SMAJ5.0 LUGUANG-SMAJ5.0 Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com