Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

54C164245 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza 54C164245
Descripción Electrónicos  Rad-hard 16-bit transceiver 3.3 V to 5 V bidirectional level shifter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54C164245 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 54C164245 Datasheet HTML 6Page - STMicroelectronics 54C164245 Datasheet HTML 7Page - STMicroelectronics 54C164245 Datasheet HTML 8Page - STMicroelectronics 54C164245 Datasheet HTML 9Page - STMicroelectronics 54C164245 Datasheet HTML 10Page - STMicroelectronics 54C164245 Datasheet HTML 11Page - STMicroelectronics 54C164245 Datasheet HTML 12Page - STMicroelectronics 54C164245 Datasheet HTML 13Page - STMicroelectronics 54C164245 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Electrical characteristics
54AC164245
10/23
DocID18093 Rev 4
VOL2
Low level output voltage
3.3 V
VDD1 = 4.5 V
VDD2 = 2.7 V
0.2
V
Port A, IOL = 100 µA for all
inputs affecting output under
test, VI = VDD2 or VSS
5 V
VDD1 = 4.5 V
VDD2 = 4.5 V
Low level output voltage
3.3 V
VDD1 = 2.7 V
VDD2 = 2.7 V
Port B, IOL = 100 µA For all
inputs affecting output under
test, VI =VDD1 or VSS
5 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VOH1
High level output voltage port
A, IOH = -8 mA for all inputs
affecting output under test,
VI = VDD2 or VSS
3.3 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VDD2-0.9
5 V
VDD1 = 4.5 V
VDD2 = 4.5 V
VDD2-0.7
High level output voltage port
B, IOH = -8 mA for all inputs
affecting output under test,
VI = VDD1 or VSS
3.3 V
VDD1 = 2.7 V
VDD2 = 2.7 V
VDD1-0.9
5 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VDD1-0.7
VOH2
High level output voltage port
A, IOH = - 100 µA for all inputs
affecting output under test, VI =
VDD2 or VSS
3.3 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VDD2-0.2
5 V
VDD1 = 4.5 V
VDD2 = 4.5 V
High level output voltage port
B, IOH = - 100 µA for all inputs
affecting output under test, VI =
VDD1 or VSS
3.3 V
VDD1 = 2.7 V
VDD2 = 2.7 V
VDD1-0.2
5 V
VDD1 = 4.5 V
VDD2 = 2.7 V
IOL (2)
Output current (sink) port A,
VI = VSS
3.3 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VOL = 0.5 V
8.0
mA
5 V
VDD1 = 4.5 V
VDD2 = 4.5 V
VOL = 0.4 V
Output current (sink) port B,
VI = VSS
3.3 V
VDD1 = 2.7 V
VDD2 = 2.7 V
VOL = 0.5 V
5 V
VDD1 = 4.5 V
VDD2 = 2.7 V
VOL = 0.4 V
Table 6. DC specifications (continued)
Symbol
Parameter
Port
voltage
Test condition (VDD) (1)
Limits
Unit
Min.
Max.


Número de pieza similar - 54C164245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sumida Corporation
54C62701200 SUMIDA-54C62701200 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
54C627012T0 SUMIDA-54C627012T0 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
54C62701400 SUMIDA-54C62701400 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
54C627014T0 SUMIDA-54C627014T0 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
54C62702200 SUMIDA-54C62702200 Datasheet
1Mb / 8P
   HR-Serie SMT Chipinduktivit채ten
More results

Descripción similar - 54C164245

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
54AC164245 STMICROELECTRONICS-54AC164245 Datasheet
285Kb / 22P
   Rad-hard 16-bit transceiver, 3.3 V to 5 V bidirectional level shifter
54VCXH163245 STMICROELECTRONICS-54VCXH163245 Datasheet
1Mb / 19P
   Rad-hard 16-bit transceiver, 1.8 V to 3.3 V bidirectional level shifter
September 2021 Rev 7
logo
Texas Instruments
SN74ALVC164245DGGT TI-SN74ALVC164245DGGT Datasheet
328Kb / 15P
[Old version datasheet]   16-BIT 2.5-V 3.3-V 3.3V TO 5-V LEVEL-SHIFTING TRANSCEIVER
SN74ALVC164245 TI-SN74ALVC164245_07 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245_08 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A Datasheet
215Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
SN74LVC4245A TI-SN74LVC4245A_08 Datasheet
404Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND 3.3-V TO 5-V SHIFTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com