Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1589 Datasheet(PDF) 2 Page - Savantic, Inc.

No. de pieza 2SD1589
Descripción Electrónicos  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SAVANTIC [Savantic, Inc.]
Página de inicio  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD1589 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SD1589 Datasheet HTML 1Page - Savantic, Inc. 2SD1589 Datasheet HTML 2Page - Savantic, Inc. 2SD1589 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD1589
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=0.1A , IB=0
60
V
VCEsat
Collector-emitter saturation voltage
IC=3A ;IB=3mA
1.5
V
VBEsat
Base-emitter saturation voltage
IC=3A; IB=3mA
2.0
V
ICBO
Collector cut-off current
VCB=100V ;IE=0
1
µA
hFE-1
DC current gain
IC=3A ; VCE=2V
2000
15000
hFE-2
DC current gain
IC=5A ; VCE=2V
500
Switching times
ton
Turn-on time
1.0
µs
ts
Storage time
3.5
µs
tf
Fall time
IC=3A ;IB1=3mA
IB2=-3mA; VCCB50V
RL=16.7C
1.2
µs
hFE Classifications
R
O
Y
2000-5000
3000-7000
5000-15000


Número de pieza similar - 2SD1589

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2SD1589 ETC-2SD1589 Datasheet
65Kb / 2P
   Audio Frequency Power Amplifier and Low Speed Switching Industrial Use
logo
Savantic, Inc.
2SD1589 SAVANTIC-2SD1589 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1589 JMNIC-2SD1589 Datasheet
122Kb / 3P
   Silicon Power Transistors
logo
Inchange Semiconductor ...
2SD1589 ISC-2SD1589 Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1589 JMNIC-2SD1589_15 Datasheet
122Kb / 3P
   Silicon Power Transistors
More results

Descripción similar - 2SD1589

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com