Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TZX6V8D Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza TZX6V8D
Descripción Electrónicos  500mW EPITAXIAL PLANAR ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TZX6V8D Datasheet(HTML) 2 Page - Diodes Incorporated

  TZX6V8D Datasheet HTML 1Page - Diodes Incorporated TZX6V8D Datasheet HTML 2Page - Diodes Incorporated TZX6V8D Datasheet HTML 3Page - Diodes Incorporated TZX6V8D Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
D
S30089 Rev. 1P-5
2 of 4
TZX2V4 - TZX36C
Type
Number
Zener Voltage Range (Note 2)
Test Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
VZ @IZT
IZT
ZZT @ IZT
IR
@VR
Min (V)
Max (V)
mA
WmA
V
TZX2V4
2.3
2.6
5.0
100
5.0
0.5
TZX2V4A
2.3
2.5
5.0
100
5.0
0.5
TZX2V4B
2.4
2.6
5.0
100
5.0
0.5
TZX2V7
2.5
2.9
5.0
100
5.0
0.5
TZX2V7A
2.5
2.7
5.0
100
5.0
0.5
TZX2V7B
2.6
2.8
5.0
100
5.0
0.5
TZX2V7C
2.7
2.9
5.0
100
5.0
0.5
TZX3V0
2.8
3.2
5.0
100
5.0
0.5
TZX3V0A
2.8
3.0
5.0
100
5.0
0.5
TZX3V0B
2.9
3.1
5.0
100
5.0
0.5
TZX3V0C
3.0
3.2
5.0
100
5.0
0.5
TZX3V3
3.1
3.5
5.0
100
5.0
1.0
TZX3V3A
3.1
3.3
5.0
100
5.0
1.0
TZX3V3B
3.2
3.4
5.0
100
5.0
1.0
TZX3V3C
3.3
3.5
5.0
100
5.0
1.0
TZX3V6
3.4
3.8
5.0
100
5.0
1.0
TZX3V6A
3.4
3.6
5.0
100
5.0
1.0
TZX3V6B
3.5
3.7
5.0
100
5.0
1.0
TZX3V6C
3.6
3.8
5.0
100
5.0
1.0
TZX3V9
3.7
4.1
5.0
100
5.0
1.0
TZX3V9A
3.7
3.9
5.0
100
5.0
1.0
TZX3V9B
3.8
4.0
5.0
100
5.0
1.0
TZX3V9C
3.9
4.1
5.0
100
5.0
1.0
TZX4V3
4.0
4.5
5.0
100
5.0
1.5
TZX4V3A
4.0
4.2
5.0
100
5.0
1.5
TZX4V3B
4.1
4.3
5.0
100
5.0
1.5
TZX4V3C
4.2
4.4
5.0
100
5.0
1.5
TZX4V3D
4.3
4.5
5.0
100
5.0
1.5
TZX4V7
4.4
4.9
5.0
100
5.0
2.0
TZX4V7A
4.4
4.6
5.0
100
5.0
2.0
TZX4V7B
4.5
4.7
5.0
100
5.0
2.0
TZX4V7C
4.6
4.8
5.0
100
5.0
2.0
TZX4V7D
4.7
4.9
5.0
100
5.0
2.0
TZX5V1
4.8
5.3
5.0
100
5.0
2.0
TZX5V1A
4.8
5.0
5.0
100
5.0
2.0
TZX5V1B
4.9
5.1
5.0
100
5.0
2.0
TZX5V1C
5.0
5.2
5.0
100
5.0
2.0
TZX5V1D
5.1
5.3
5.0
100
5.0
2.0
TZX5V6
5.2
5.9
5.0
40
5.0
2.0
TZX5V6A
5.2
5.5
5.0
40
5.0
2.0
TZX5V6B
5.3
5.6
5.0
40
5.0
2.0
TZX5V6C
5.4
5.7
5.0
40
5.0
2.0
TZX5V6D
5.5
5.8
5.0
40
5.0
2.0
TZX5V6E
5.6
5.9
5.0
40
5.0
2.0
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t
£ 1.0ms.


Número de pieza similar - TZX6V8D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TZX6V8D VISHAY-TZX6V8D Datasheet
95Kb / 7P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
TZX6V8D VISHAY-TZX6V8D Datasheet
139Kb / 8P
   Small Signal Zener Diodes
Rev. 2.1, 27-Mar-07
TZX6V8D VISHAY-TZX6V8D Datasheet
100Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 22-Nov-11
TZX6V8D VISHAY-TZX6V8D Datasheet
121Kb / 8P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
TZX6V8D VISHAY-TZX6V8D Datasheet
101Kb / 7P
   Small Signal Zener Diodes
Rev. 2.3, 06-May-13
More results

Descripción similar - TZX6V8D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zibo Seno Electronic En...
1N5221B ZSELEC-1N5221B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Diodes Incorporated
1N5221B DIODES-1N5221B_1 Datasheet
60Kb / 3P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 15 - 2
1N5221B DIODES-1N5221B_11 Datasheet
51Kb / 3P
   500mW EPITAXIAL ZENER DIODE
logo
Diotech Company.
1N5221B DIOTECH-1N5221B Datasheet
965Kb / 3P
   500mW EPITAXIAL ZENER DIODE
GDZJ2 DIOTECH-GDZJ2 Datasheet
1Mb / 5P
   500mW EPITAXIAL ZENER DIODE
logo
Comchip Technology
1N5221B COMCHIP-1N5221B Datasheet
32Kb / 2P
   500mw Epitaxial Zener Diode
logo
Diodes Incorporated
1N5221B DIODES-1N5221B Datasheet
34Kb / 2P
   500mW EPITAXIAL ZENER DIODE
DS18006 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
   500mW Zener Diode
logo
Zibo Seno Electronic En...
BZX55C ZSELEC-BZX55C Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Seme LAB
1N750AD1A SEME-LAB-1N750AD1A Datasheet
569Kb / 3P
   500mW ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com