Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4010 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza SI4010
Descripción Electrónicos  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SI4010 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SI4010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI4010 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
7 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4313-T-B1 B ANY
Si4313 RX Testcard
240-960 MHz
50 Ohm
EZRadio Development Kit Test Cards
EZRadioPRO Development Kit Test Cards
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
4432-T-B1 A 915
Si4432 TRX Testcard
915 MHz
Two antennas mounted at 90°; used to evaluate the
embedded antenna diversity algorithm
4432-T-B1 B 915
Si4432 TRX Testcard
915 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4432-T-B1 C 915
Si4432 TRX Testcard
915 MHz
Single tied antenna implemented with RF switch
4432-T-B1 C 868
Si4432 TRX Testcard
868 MHz
Single tied antenna implemented with RF switch
4432-T-B1 B 470
Si4432 TRX Testcard
470 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4432-T-B1 C 470
Si4432 TRX Testcard
470 MHz
Single tied antenna implemented with RF switch
4432-T-B1 D 470
Si4432 TRX Testcard
470 MHz
Single tied antenna implemented with RF switch
4431-T-B1 B 868
Si4431 TRX Testcard
868 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4431-T-B1 D 868
Si4431 TRX Testcard
868 MHz
Single tied antenna implemented without RF switch
4431-T-B1 B 434
Si4431 TRX Testcard
434 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4431-T-B1 D 434
Si4431 TRX Testcard
434 MHz
Single tied antenna implemented without RF switch
4430-T-B1 B 950
Si4430 TRX Testcard
950 MHz
Separate TX and RX designed for lab testing
(not reccomended for range testing)
4430-T-B1 D 950
Si4430 TRX Testcard
950 MHz
Single Antenna implemented without RF switch
4330-T-B1 B 434
Si4430 RX Testcard
434 MHz
Single tied antenna
PART NUMBER
DESCRIPTION
4431-SEB1 D 868
EZLink Module; F930/4431 High Band (rev e/B1)
4431-SEB1 D 434
EZLink Module; F930/4431 Low Band (rev e/B1)
4432-SEB1 C 915
EZLink Module; F930/4432 High Band (rev e/B1)
4432-SEB1 C 470
EZLink Module; F930/4432 Low Band (rev e/B1)
Si4463-915-DK
Si4463 Wireless Kit - 915 MHz Development Kit
Si4461-868-DK
Si4461 Wireless Kit - 868 MHz Development Kit
Wireless Development Kits (cont.)


Número de pieza similar - SI4010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
SI4010 SILABS-SI4010 Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
logo
List of Unclassifed Man...
SI4010 ETC2-SI4010 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI4010-B1-GS SILABS-SI4010-B1-GS Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-B1-GT SILABS-SI4010-B1-GT Datasheet
830Kb / 160P
   CRYSTAL-LESS SOC RF TRANSMITTER
SI4010-C2 SILABS-SI4010-C2 Datasheet
862Kb / 156P
   CRYSTAL-LESS SOC RF TRANSMITTER
More results

Descripción similar - SI4010

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com