Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBJ10A Datasheet(PDF) 2 Page - Littelfuse |
|
SMBJ10A Datasheet(HTML) 2 Page - Littelfuse |
2 / 5 page 24 Transient Voltage Suppression Diodes Revision: January 09, 2009 ©2009 Littelfuse, Inc. Specifications are subject to change without notice. Surface Mount – 600W > SMBJ series SMBJ Series Please refer to http://www.Littelfuse.com/series/SMBJ.html for current information. Electrical Characteristics For bidirectional type having V R of 10 volts and less, the IR limit is double. For parts without A , the V BR is ± 10% and Vc is 5% higher than with A parts. Part Number (Uni) Part Number (Bi) Marking Reverse Stand off Voltage V R (Volts) Breakdown Voltage V BR (Volts) @ I T Test Current I T (mA) Maximum Clamping Voltage V C @ I pp (V) Maximum Peak Pulse Current I pp (A) Maximum Reverse Leakage I R @ V R (μA) Agency Approval UNI BI MIN MAX SMBJ5.0A SMBJ5.0CA KE AE 5.0 6.40 7.00 10 9.2 65.3 800 X SMBJ6.0A SMBJ6.0CA KG AG 6.0 6.67 7.37 10 10.3 58.3 800 X SMBJ6.5A SMBJ6.5CA KK AK 6.5 7.22 7.98 10 11.2 53.6 500 X SMBJ7.0A SMBJ7.0CA KM AM 7.0 7.78 8.60 10 12.0 50.0 200 X SMBJ7.5A SMBJ7.5CA KP AP 7.5 8.33 9.21 1 12.9 46.6 100 X SMBJ8.0A SMBJ8.0CA KR AR 8.0 8.89 9.83 1 13.6 44.2 50 X SMBJ8.5A SMBJ8.5CA KT AT 8.5 9.44 10.40 1 14.4 41.7 20 X SMBJ9.0A SMBJ9.0CA KV AV 9.0 10.00 11.10 1 15.4 39.0 10 X SMBJ10A SMBJ10CA KX AX 10.0 11.10 12.30 1 17.0 35.3 5 X SMBJ11A SMBJ11CA KZ AZ 11.0 12.20 13.50 1 18.2 33.0 1 X SMBJ12A SMBJ12CA LE BE 12.0 13.30 14.70 1 19.9 30.2 1 X SMBJ13A SMBJ13CA LG BG 13.0 14.40 15.90 1 21.5 28.0 1 X SMBJ14A SMBJ14CA LK BK 14.0 15.60 17.20 1 23.2 25.9 1 X SMBJ15A SMBJ15CA LM BM 15.0 16.70 18.50 1 24.4 24.6 1 X SMBJ16A SMBJ16CA LP BP 16.0 17.80 19.70 1 26.0 23.1 1 X SMBJ17A SMBJ17CA LR BR 17.0 18.90 20.90 1 27.6 21.8 1 X SMBJ18A SMBJ18CA LT BT 18.0 20.00 22.10 1 29.2 20.6 1 X SMBJ20A SMBJ20CA LV BV 20.0 22.20 24.50 1 32.4 18.6 1 X SMBJ22A SMBJ22CA LX BX 22.0 24.40 26.90 1 35.5 16.9 1 X SMBJ24A SMBJ24CA LZ BZ 24.0 26.70 29.50 1 38.9 15.5 1 X SMBJ26A SMBJ26CA ME CE 26.0 28.90 31.90 1 42.1 14.3 1 X SMBJ28A SMBJ28CA MG CG 28.0 31.10 34.40 1 45.4 13.3 1 X SMBJ30A SMBJ30CA MK CK 30.0 33.30 36.80 1 48.4 12.4 1 X SMBJ33A SMBJ33CA MM CM 33.0 36.70 40.60 1 53.3 11.3 1 X SMBJ36A SMBJ36CA MP CP 36.0 40.00 44.20 1 58.1 10.4 1 X SMBJ40A SMBJ40CA MR CR 40.0 44.40 49.10 1 64.5 9.3 1 X SMBJ43A SMBJ43CA MT CT 43.0 47.80 52.80 1 69.4 8.7 1 X SMBJ45A SMBJ45CA MV CV 45.0 50.00 55.30 1 72.7 8.3 1 X SMBJ48A SMBJ48CA MX CX 48.0 53.30 58.90 1 77.4 7.8 1 X SMBJ51A SMBJ51CA MZ CZ 51.0 56.70 62.70 1 82.4 7.3 1 X SMBJ54A SMBJ54CA NE DE 54.0 60.00 66.30 1 87.1 6.9 1 X SMBJ58A SMBJ58CA NG DG 58.0 64.40 71.20 1 93.6 6.5 1 X SMBJ60A SMBJ60CA NK DK 60.0 66.70 73.70 1 96.8 6.2 1 X SMBJ64A SMBJ64CA NM DM 64.0 71.10 78.60 1 103.0 5.9 1 X SMBJ70A SMBJ70CA NP DP 70.0 77.80 86.00 1 113.0 5.3 1 X SMBJ75A SMBJ75CA NR DR 75.0 83.30 92.10 1 121.0 5.0 1 X SMBJ78A SMBJ78CA NT DT 78.0 86.70 95.80 1 126.0 4.8 1 X SMBJ85A SMBJ85CA NV DV 85.0 94.40 104.00 1 137.0 4.4 1 X SMBJ90A SMBJ90CA NX DX 90.0 100.00 111.00 1 146.0 4.1 1 X SMBJ100A SMBJ100CA NZ DZ 100.0 111.00 123.00 1 162.0 3.7 1 X SMBJ110A SMBJ110CA PE EE 110.0 122.00 135.00 1 177.0 3.4 1 X SMBJ120A SMBJ120CA PG EG 120.0 133.00 147.00 1 193.0 3.1 1 X SMBJ130A SMBJ130CA PK EK 130.0 144.00 159.00 1 209.0 2.9 1 X SMBJ150A SMBJ150CA PM EM 150.0 167.00 185.00 1 243.0 2.5 1 X SMBJ160A SMBJ160CA PP EP 160.0 178.00 197.00 1 259.0 2.3 1 X SMBJ170A SMBJ170CA PR ER 170.0 189.00 209.00 1 275.0 2.2 1 X SMBJ180A SMBJ180CA PT ET 180.0 201.00 222.00 1 292.0 2.1 1 SMBJ200A SMBJ200CA PV EV 200.0 224.00 247.00 1 324.0 1.9 1 SMBJ220A SMBJ220CA PX EX 220.0 246.00 272.00 1 356.0 1.7 1 SMBJ250A SMBJ250CA PZ EZ 250.0 279.00 309.00 1 405.0 1.5 1 SMBJ300A SMBJ300CA QE FE 300.0 335.00 371.00 1 486.0 1.3 1 SMBJ350A SMBJ350CA QG FG 350.0 391.00 432.00 1 567.0 1.1 1 SMBJ400A SMBJ400CA QK FK 400.0 447.00 494.00 1 648.0 0.9 1 SMBJ440A SMBJ440CA QM FM 440.0 492.00 543.00 1 713.0 0.9 1 |
Número de pieza similar - SMBJ10A |
|
Descripción similar - SMBJ10A |