Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DMC2990UDJ Datasheet(PDF) 1 Page - Diodes Incorporated

No. de pieza DMC2990UDJ
Descripción Electrónicos  COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMC2990UDJ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMC2990UDJ Datasheet HTML 1Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 2Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 3Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 4Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 5Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 6Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 7Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 8Page - Diodes Incorporated DMC2990UDJ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMC2990UDJ
Document number: DS35481 Rev. 9 - 2
1 of 9
www.diodes.com
March 2013
© Diodes Incorporated
DMC2990UDJ
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
Device
V(BR)DSS
RDS(ON) max
ID max
TA = +25°C
Q1
20V
0.99Ω @ VGS = 4.5V
450mA
1.2Ω @ VGS = 2.5V
400mA
1.8Ω @ VGS = 1.8V
330mA
2.4Ω @ VGS = 1.5V
300mA
Q2
-20V
1.9Ω @ VGS = -4.5V
-310mA
2.4Ω @ VGS = -2.5V
-280mA
3.4Ω @ VGS = -1.8V
-240mA
5Ω @ VGS = -1.5V
-180mA
Description
This MOSFET has been designed to minimize the on-state resistance
(RDS(on)) and yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Applications
General Purpose Interfacing Switch
Power Management Functions
Analog Switch
Features and Benefits
Low On-Resistance
Very low Gate Threshold Voltage, 1.0V max
Low Input Capacitance
Fast Switching Speed
Ultra-Small Surface Mount Package 1mm x 1mm
Low Package Profile, 0.45mm Maximum Package height
ESD Protected Gate
Totally Lead-Free & Fully RoHS compliant (Note 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3 & 4)
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
Case: SOT963
Case Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See diagram
Terminals: Finish
 Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.027 grams (approximate)
Ordering Information (Note 5 & 6)
Part Number
Case
Packaging
DMC2990UDJ-7
SOT963
10K/Tape & Reel
DMC2990UDJ-7B
SOT963
10K/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. The options -7 and -7B stand for different taping orientations. Please refer to Diodes website at http://www.diodes.com for further details.
6. For packaging details, go to our website at http”//www.diodes.com/products/packages.html
Marking Information
D1 = Product Type Marking Code
ESD PROTECTED
Top View
SOT963
D1
Top View
Schematic and
Transistor Diagram
S
2
D
2
D
1
S
1
G
2
G
1
e3


Número de pieza similar - DMC2990UDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMC2990UDJ-7 DIODES-DMC2990UDJ-7 Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJ-7B DIODES-DMC2990UDJ-7B Datasheet
316Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJQ DIODES-DMC2990UDJQ Datasheet
608Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJQ-7 DIODES-DMC2990UDJQ-7 Datasheet
608Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC2990UDJQ-7B DIODES-DMC2990UDJQ-7B Datasheet
608Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Descripción similar - DMC2990UDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Diodes Incorporated
DMG1016UDW DIODES-DMG1016UDW_15 Datasheet
270Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4015SSD DIODES-DMC4015SSD_15 Datasheet
556Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1030UFDB DIODES-DMC1030UFDB_15 Datasheet
357Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC4029SSD DIODES-DMC4029SSD_15 Datasheet
412Kb / 8P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMG1029SV DIODES-DMG1029SV_15 Datasheet
286Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC1018UPD DIODES-DMC1018UPD Datasheet
508Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3028LSDXQ DIODES-DMC3028LSDXQ Datasheet
490Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
DMC3032LSD DIODES-DMC3032LSD_14 Datasheet
246Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
BCD Semiconductor Manuf...
DMC1028UFDB BCDSEMI-DMC1028UFDB Datasheet
666Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMC10H172SSD DIODES-DMC10H172SSD Datasheet
598Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
March 2022
DMC3730UVT DIODES-DMC3730UVT Datasheet
494Kb / 10P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
July 2018 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com