Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CB3LV-5I-27M0000 Datasheet(PDF) 2 Page - CTS Corporation

No. de pieza CB3LV-5I-27M0000
Descripción Electrónicos  Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CTS [CTS Corporation]
Página de inicio  http://www.ctscorp.com
Logo CTS - CTS Corporation

CB3LV-5I-27M0000 Datasheet(HTML) 2 Page - CTS Corporation

  CB3LV-5I-27M0000 Datasheet HTML 1Page - CTS Corporation CB3LV-5I-27M0000 Datasheet HTML 2Page - CTS Corporation CB3LV-5I-27M0000 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0256-0
Page 2 - 3
Rev. G
Model CB3 & CB3LV
7.0mm x 5.0mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-0.5
-
+7.0
V
Storage Temperature
TSTG
-40
-
+100
°C
Frequency Range
CB3
1.5
-
107
CB3LV
1.5
-
200
Frequency Stability
Δf/fO
-
-
20,25,50 or 100
± ppm
Aging
Δf-
3
5
± ppm
Operating Temperature
Commercial
-20
+70
Industrial
-40
+85
Supply Voltage
CB3
4.5
5.0
5.5
CB3LV
3.0
3.3
3.6
Supply Current
1.5MHz to 20MHz
CL=50pF
-10
25
20.001MHz to 80MHz
CL=50pF
-30
50
80.001MHz to 107MHz
CL=15pF
-40
80
1.5MHz to 20MHz
CL=15pF
-7
12
20.001MHz to 80MHz
CL=15pF
-20
40
80.001MHz to 200MHz
CL=15pF
-30
60
Output Load
CL
-
-
-
-
-
-
50
30
15
pF
Output Voltage Levels
Logic '1' Level
VOH
90%VCC
VCC-0.6V
--
Logic '0' Level
VOL
--
10%VCC
0.4
Output Current
Logic '1' Level
IOH
-
-
-16/-8
Logic '0' Level
IOL
--
+16/+8
Output Duty Cycle
SYM
45
-
55
%
Rise and Fall Time
1.5MHz to 20MHz
CL=50pF
-8
10
20.001MHz to 80MHz
CL=50pF
-5
8
80.001MHz to 200MHz
CL=15pF
-2.5
5
1.5MHz to 20MHz
CL=15pF
-6
8
20.001MHz to 80MHz
CL=15pF
-3
5
80.001MHz to 200MHz
CL=15pF
-1.5
3
Start Up Time
TS
--
10
ms
Enable Function
Enable Input Voltage
VIH
2.0
-
-
Disable Input Voltage
VIL
--
0.8
Enable Time
TPLZ
--
200
ns
Standby Current
IST
--
10
µA
Period Jitter, Pk-Pk
-
-
-
50
Period Jitter, RMS
-
-
-
5
Phase Jitter, RMS
-
-
-
1
Notes:
1.
mA
V
ps
VCC
V
fO
MHz
TA
°C
25
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and 1st year aging.
CB3LV
ICC
mA
CB3
-
-
V
CONDITIONS
-
-
-
-
-
See Note 1 and Ordering Information
First year
±10%
Frequency Range
Tested load condition noted for typical values.
1.5MHz to 50MHz
50.001MHz to 80MHz
80.001MHz to 200MHz
@ 50% Level
@ 10% - 90% Levels
Tested load condition noted for typical values.
CMOS Load
10 TTL LOAD
CMOS
TTL Load
VOH = 3.9V/2.2V
VCC = 4.5V/3.0V
VOL = 0.4V
VCC = 4.5V/3.0V
ns
Pin 1 Logic '0', Output Disabled
Bandwidth 12kHz - 20MHz
CB3
CB3LV
TR, TF
Application of VCC
Pin 1 Logic '1', Output Enabled
Pin 1 Logic '0', Output Disabled
Pin 1 Logic '1'


Número de pieza similar - CB3LV-5I-27M0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CB3LV-5I-M ETC1-CB3LV-5I-M Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
More results

Descripción similar - CB3LV-5I-27M0000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CTS Corporation
CB3LV-3C-18M4320 CTS-CB3LV-3C-18M4320 Datasheet
216Kb / 3P
   Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
CB3LV-3C-7M3728 CTS-CB3LV-3C-7M3728 Datasheet
216Kb / 3P
   Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
CB3LV-3C-40M0000 CTS-CB3LV-3C-40M0000 Datasheet
216Kb / 3P
   Standard 7.0mm x 5.0mm 4-Pad Surface Mount Package
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
   Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
TAI-SAW TECHNOLOGY CO.,...
TB1318A TAI-SAW-TB1318A Datasheet
352Kb / 7P
   145MHz 0.125MHzBW SMD 7.0mm x 5.0mm SAW IF Filter
logo
Kingbright Corporation
AAAF5051-02 KINGBRIGHT-AAAF5051-02 Datasheet
352Kb / 9P
   5.0mm x 5.0mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZM2CY82W SUNLED-ZM2CY82W Datasheet
191Kb / 4P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AAAF5060BESEEVGA KINGBRIGHT-AAAF5060BESEEVGA Datasheet
245Kb / 7P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
AAAF5060BESUVGAC KINGBRIGHT-AAAF5060BESUVGAC Datasheet
239Kb / 7P
   5.0mm x 6.0mm SURFACE MOUNT LED LAMP
logo
Vectron International, ...
C2310 VECTRON-C2310_07 Datasheet
157Kb / 6P
   Standard Surface Mount Package
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com