Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA7_SMLA7 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No. de pieza LA7_SMLA7
Descripción Electrónicos  Limiting Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

LA7_SMLA7 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  LA7_SMLA7 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. LA7_SMLA7 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. LA7_SMLA7 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Limiting Amplifier
50 to 500 MHz
Rev. V2
LA7 / SMLA7
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• SYMMETRICAL CLIPPING
GOOD EVEN-ORDER SUPPRESSION
• HIGH OUTPUT LEVEL: +11.5 dBm (TYP.)
• HIGH THIRD-ORDER IP: +28 dBm (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)
Description
The LA7 limiting amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This design uses a Schottky diode limiter circuit at the input,
and a single stage bipolar transistor feedback amplifier at the
output. An RF choke is used for DC power supply decoupling
.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
LA7
TO-8
SMLA7
Surface Mount
CLA7 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+23 dBm
Short Term Input power
(1 minute max.)
400 mW
Peak Power (3 µsec max.)
1 W
“S” Series Burn-In
Temperature (case)
+125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.560 W
Junction Temperature Rise
Above Case Tjc
+25.2ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
20-550
50-500
50-500
Small Signal Gain (min)
dB
12.5
12.0
11.0
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Noise Figure (max)
50-300 MHz
dB
7.0
8.0
8.5
Noise Figure (max)
300-500 MHz
dB
7.5
8.5
9.0
Power Output
@ 1 dB comp. (min)
50-300 MHz
dBm
+12.0
+11.0
+8.0
Power Output
@ 1 dB comp. (min)
300-500 MHz
dBm
+11.5
+10.0
+7.0
IP3
dBm
+28
VSWR Input / Output (max)
1.3:1 / 1.3:1
1.7:1 / 1.7:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
54
56
58
* Over temperature performance limits for part number CLA7, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Número de pieza similar - LA7_SMLA7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA70001 SANYO-LA70001 Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70001M SANYO-LA70001M Datasheet
134Kb / 8P
   Record/Playback Amplifiers for VHS Format VCRs
LA70011 SANYO-LA70011 Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70011M SANYO-LA70011M Datasheet
134Kb / 11P
   Recording/Playback Amplifier for VHS VCRs
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
More results

Descripción similar - LA7_SMLA7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BOWEI Integrated Circui...
HE072B BOWEI-HE072B Datasheet
68Kb / 1P
   Limiting Amplifier
HE073 BOWEI-HE073 Datasheet
104Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2891 AD-ADN2891_17 Datasheet
596Kb / 16P
   Limiting Amplifier
logo
BOWEI Integrated Circui...
HE072 BOWEI-HE072 Datasheet
99Kb / 1P
   Limiting Amplifier
HE073B BOWEI-HE073B Datasheet
112Kb / 1P
   Limiting Amplifier
HE072A BOWEI-HE072A Datasheet
103Kb / 1P
   Limiting Amplifier
HE073A BOWEI-HE073A Datasheet
107Kb / 1P
   Limiting Amplifier
logo
Analog Devices
ADN2890 AD-ADN2890_17 Datasheet
350Kb / 12P
   Limiting Amplifier
logo
Spectrum Microwave, Inc...
TML9017 SPECTRUM-TML9017 Datasheet
735Kb / 1P
   RF Limiting Amplifier
TML9012 SPECTRUM-TML9012 Datasheet
663Kb / 1P
   RF Limiting Amplifier
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com