Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP1302-074LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

No. de pieza SMP1302-074LF
Descripción Electrónicos  SMP1302 Series Switch and Attenuator Plastic Packaged PIN Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1302-074LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1302-074LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1302-074LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
DATA SHEET • SMP1302 SERIES PIN DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200043R • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • April 26, 2012
3
Table 2. SMP1302-078LF Pin Signals
Pin #
Name
Pin #
Name
1
Anode 1
4
Anode 3
2
Common cathode
5
Common cathode
3
Anode 2
6
Anode 4
Table 3. SMP1302 Series Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
200
V
Power dissipation @ 25
°C lead temperature
PD
250
mW
Storage temperature
TSTG
–65
+150
°C
Operating temperature
TA
–65
+150
°C
Note: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times. The
SMP1302 series PIN diodes are Class 1C ESD devices.
Table 4. SMP1302 Series Electrical Specifications (Note 1)
(TA = +25 °C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 200 V
10
μA
Capacitance (Note 2)
CT
f = 1 MHz, V = 30 V
0.3
pF
Resistance
RS
f = 100 MHz
I = 1 mA
I = 10 mA
I = 100 mA
15
20
3
1.5
Ω
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.8
V
Carrier lifetime
TI
IF = 10 mA
0.7
μs
I region width
50
μm
Note 1: Performance is guaranteed only under the conditions listed in this Table.
Note 2: The SMP1302-017 and SMP1302-027 maximum capacitance is 0.45 pF.
Package and Handling Information
Instructions on the shipping container label regarding exposure to
moisture after the container seal is broken must be followed.
Otherwise, problems related to moisture absorption may occur
when the part is subjected to high temperature during solder
assembly.
The SMP1302 series is rated to Moisture Sensitivity Level 1
(MSL1) at 260
°C. It can be used for lead or lead-free soldering.
For additional information, refer to the Skyworks Application Note,
Solder Reflow Information, document number 200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.


Número de pieza similar - SMP1302-074LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Skyworks Solutions Inc.
SMP1302-074LF SKYWORKS-SMP1302-074LF Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
More results

Descripción similar - SMP1302-074LF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha Industries
SMP1302 ALPHA-SMP1302 Datasheet
496Kb / 3P
   Switch and Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1302 SKYWORKS-SMP1302_15 Datasheet
1Mb / 11P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMP1302 SKYWORKS-SMP1302 Datasheet
458Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diodes
SMPA1302-079LF SKYWORKS-SMPA1302-079LF Datasheet
561Kb / 5P
   Switch and Attenuator Plastic Packaged PIN Diode
SMP1304 SKYWORKS-SMP1304 Datasheet
374Kb / 6P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1304-005 ALPHA-SMP1304-005 Datasheet
500Kb / 4P
   Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1304 SKYWORKS-SMP1304_15 Datasheet
775Kb / 8P
   Low-Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307_15 Datasheet
755Kb / 9P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
SMP1307 SKYWORKS-SMP1307 Datasheet
89Kb / 6P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1307 ALPHA-SMP1307 Datasheet
501Kb / 4P
   Very Low Distortion Attenuator Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com