Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN4803CS-2 Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FAN4803CS-2
Descripción Electrónicos  8-Pin PFC and PWM Controller Combo
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4803CS-2 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4803CS-2 Datasheet HTML 3Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 4Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 5Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 6Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 7Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 8Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 9Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 10Page - Fairchild Semiconductor FAN4803CS-2 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PRODUCT SPECIFICATION
FAN4803
REV. 1.2.3 11/2/04
7
Internal Voltage Ramp
The internal ramp current source is programmed by way of
the VEAO pin voltage. Figure 7 displays the internal ramp
current vs. the VEAO voltage. This current source is used to
develop the internal ramp by charging the internal 30pF +12/
–10% capacitor. See Figures 10 and 11. The frequency of the
internal programming ramp is set internally to 67kHz.
PFC Current Sense Filtering
In DCM, the input current wave shaping technique used by
the FAN4803 could cause the input current to run away.
In order for this technique to be able to operate properly
under DCM, the programming ramp must meet the boost
inductor current down-slope at zero amps. Assuming the
programming ramp is zero under light load, the OFF-time
will be terminated once the inductor current reaches zero.
R
f
× C
COMP
COMP
1
(3)
(4)
2
× π ×
R
Hz
× nF
k
COMP
1
62 8
× 30
16
330
.
C
f
R
ZERO
COMP
1
2
× π ××
10
C
Hz
×
k
µF
ZERO
1
628
× 3
330
016
.
.
=
==
=
=
=
Figure 4. Voltage Control Loop
FAN4803
FAN4803
IVEAO
34
µA
IOUT
VO
220
µF
RLOAD
667
330k
11.3M
0.15
µF
15nF
POWER
STAGE
COMPENSATION
VEAO
∆VEAO +
Figure 5. Voltage Loop Gain
60
40
20
0
–20
–40
–60
FREQUENCY (Hz)
0.1
10
1000
1
100
Power Stage
Overall Gain
Compensation
Network Gain
Figure 6. Voltage Loop Phase
0
50
100
150
200
FREQUENCY (Hz)
0.1
1
10
1000
100
Power Stage
Overall
Compensation
Network
Figure 7. Internal Ramp Current vs. VEAO
50
40
30
20
10
0
VEAO (V)
02
7
5
13
6
4
FF @ –55ºC
TYP @ –55ºC
TYP @ 155ºC
SS @ 155ºC
TYP @ ROOM TEMP


Número de pieza similar - FAN4803CS-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4803CS-2 FAIRCHILD-FAN4803CS-2 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-2 FAIRCHILD-FAN4803CS-2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-2 FAIRCHILD-FAN4803CS-2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-2 FAIRCHILD-FAN4803CS-2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS-2 FAIRCHILD-FAN4803CS-2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results

Descripción similar - FAN4803CS-2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS1X FAIRCHILD-FAN4803CS1X Datasheet
109Kb / 1P
   8-Pin PFC and PWM Controller Combo
logo
Micro Linear Corporatio...
ML4803 MICRO-LINEAR-ML4803 Datasheet
195Kb / 13P
   8-Pin PFC and PWM Controller Combo
logo
Fairchild Semiconductor
FAN4803CS1 FAIRCHILD-FAN4803CS1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803 FAIRCHILD-FAN4803 Datasheet
103Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CS2 FAIRCHILD-FAN4803CS2 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
logo
Champion Microelectroni...
CM6903 CHAMP-CM6903 Datasheet
257Kb / 14P
   Low Pin Count PFC/PWM Controller Combo
CM6903B CHAMP-CM6903B Datasheet
222Kb / 14P
   Low Pin Count PFC/PWM CONTROLLER COMBO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com