Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BF014D0104JDD Datasheet(PDF) 1 Page - AVX Corporation

No. de pieza BF014D0104JDD
Descripción Electrónicos  Metallized polyester film (Polyethylene teraphtalate)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVX [AVX Corporation]
Página de inicio  http://www.avx.com
Logo AVX - AVX Corporation

BF014D0104JDD Datasheet(HTML) 1 Page - AVX Corporation

  BF014D0104JDD Datasheet HTML 1Page - AVX Corporation BF014D0104JDD Datasheet HTML 2Page - AVX Corporation BF014D0104JDD Datasheet HTML 3Page - AVX Corporation BF014D0104JDD Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9
HOW TO ORDER
BF01 or BQ01
4
D
0104
K
- -
Type
Class
Voltage
Capacitance
Tolerance
Suffix
BF 01/02/07/06/05/04: Radial Leads
BQ 01/02/07/06/05/04: Lead Free
CPM-83----- pitch = 5.08mm (0.200")
GENERAL DESCRIPTION
Dielectric: Metallized polyester film (Polyethylene teraphtalate)
Stacked-film
Leads: Radial tin - plated wire
Protection: Plastic case (UL 94: V-O) / Epoxy Resin
Marking: Logo
Nominal Capacitance
Tolerance (EIA)
DC Nominal Voltage
Example: T 100nK 63
Delivery Mode: Bulk
Taped (reel or ammopack)
STANDARDIZATION
Generic specifications:
CEI 384-1/CECC 30000
Sectional specifications:
CEI 384-2/CECC 30400
Complies with special specification:
CECC 30401-069
APPLICATIONS
• Commodity Product:
• Supply decoupling
• Filter
• Integrators
• Treatment of analog signals
• Rejection of line perturbations, etc.
L
5.08 (0.200)
+0.6 (0.024)
-0.1 (0.004)
*L dimension measured 3mm above base of case
Case
L max
H max
e max
ø ± 0.02
01
7.5 (0.295)
6.5 (0.256)
2.5 (0.098)
0.5 (0.020)
02
7.5 (0.295)
8.0 (0.315)
3.2 (0.126)
0.5 (0.020)
05
7.5 (0.295)
12.0 (0.472)
6.0 (0.236)
0.5 (0.020)
06
7.5 (0.295)
9.6 (0.378)
6.0 (0.236)
0.5 (0.020)
07
7.5 (0.295)
8.0 (0.315)
5.0 (0.197)
0.5 (0.020)
04
7.5 (0.295)
13.0 (0.512)
7.5 (0.295)
0.5 (0.020)
DIMENSIONS
millimeters (inches)


Número de pieza similar - BF014D0104JDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
logo
Vishay Siliconix
BF016010BE100##BH1 VISHAY-BF016010BE100##BH1 Datasheet
86Kb / 5P
   RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Revision: 17-Feb-17
BF016010BE120##BH1 VISHAY-BF016010BE120##BH1 Datasheet
86Kb / 5P
   RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Revision: 17-Feb-17
BF016010BE160##BH1 VISHAY-BF016010BE160##BH1 Datasheet
86Kb / 5P
   RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Revision: 17-Feb-17
BF016010BE200##BJ1 VISHAY-BF016010BE200##BJ1 Datasheet
86Kb / 5P
   RF Power Barrel Capacitors with Mounting Tags or Screw Terminals, Class 1 Ceramic
Revision: 17-Feb-17
More results

Descripción similar - BF014D0104JDD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVX Corporation
BF074D0334KDC AVX-BF074D0334KDC Datasheet
401Kb / 4P
   Dielectric: Metallized polyester film (Polyethylene teraphtalate Stacked-film Leads: Radial tin - plated wire Protection: Plastic case (UL 94: V-O) / Epoxy Resin
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
Panasonic Semiconductor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com