Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT254-115 Datasheet(PDF) 2 Page - NXP Semiconductors |
|
BAT254-115 Datasheet(HTML) 2 Page - NXP Semiconductors |
2 / 7 page 2002 May 28 2 NXP Semiconductors Product data sheet Schottky barrier diode BAT254 FEATURES • Low forward voltage • Guard ring protected • Very small ceramic SMD package. APPLICATIONS • Ultra high-speed switching • Voltage clamping • Protection circuits • Blocking diodes. DESCRIPTION Planar Schottky barrier diode encapsulated in a SOD110 very small ceramic SMD package. handbook, 4 columns MAM214 ka cathode mark top view side view bottom view ak Fig.1 Simplified outline (SOD110) and symbol. Marking code: L4. LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT VR continuous reverse voltage − 30 V IF continuous forward current − 200 mA IFRM repetitive peak forward current tp ≤ 1 s; δ ≤ 0.5 − 300 mA IFSM non-repetitive peak forward current tp < 10 ms − 600 mA Tstg storage temperature −65 +150 °C Tj junction temperature − 125 °C Tamb operating ambient temperature −65 +125 °C |
Número de pieza similar - BAT254-115 |
|
Descripción similar - BAT254-115 |