Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FW10G Datasheet(PDF) 1 Page - EIC discrete Semiconductors

No. de pieza FW10G
Descripción Electrónicos  FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EIC [EIC discrete Semiconductors]
Página de inicio  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

FW10G Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  FW10G Datasheet HTML 1Page - EIC discrete Semiconductors FW10G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FW005G - FW10G
FAST RECOVERY GLASS
PASSIVATED BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated chip
* High case dielectric strength
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Terminals : Plated leads solderable per
MIL-STD-202, Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 1.29 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FW
005G
FW
01G
FW
02G
FW
04G
FW
06G
FW
08G
FW
10G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current
0.375" (9.5 mm) lead length
Tc = 25
°C
IF(AV)
1.5
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
30
Amps.
Rating for fusing
( t < 8.3 ms. )
I
2t
10
A
2S
Maximum Forward Voltage per Diode at IF = 1.0 Amp.
VF
1.3
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
1.0
mA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Junction Capacitance per Diode (Note 2)
CJ
24
pf
Typical Thermal Resistance (Note 3)
R
θJA
36
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes : 1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
3 ) Thermal resistance from Junction to Ambient at 0.375" (9.5 mm) lead length P.C. Board mounting.
UPDATE : APRIL 23,1998
RATING
WOB
-
0.39 (10.0)
0.31 (7.87)
0.034 (0.86)
0.028 (0.71)
AC
+
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
0.22 (5.59)
0.18 (4.57)
+
-
AC
AC
1.00 (25.4)
MIN.
Dimension in inches and (millimeter)


Número de pieza similar - FW10G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
FW10G EIC-FW10G Datasheet
82Kb / 2P
   FAST RECOVERY GLASS
More results

Descripción similar - FW10G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microdiode Electronics ...
RMB2F CHENDA-RMB2F Datasheet
292Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS152 CHENDA-RABS152_17 Datasheet
367Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_V01 Datasheet
523Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RMB2F CHENDA-RMB2F_V01 Datasheet
558Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
F2W005G EIC-F2W005G Datasheet
20Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
RABS152 CHENDA-RABS152 Datasheet
292Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2 Datasheet
246Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
RABS2 CHENDA-RABS2_17 Datasheet
321Kb / 2P
   GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIERS
logo
EIC discrete Semiconduc...
F2W005G-F2W10G EIC-F2W005G-F2W10G Datasheet
60Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
FB40 EIC-FB40 Datasheet
45Kb / 2P
   FAST RECOVERY GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com