Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF9393TRPBF Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRF9393TRPBF
Descripción Electrónicos  Adaptor Input Switch for Notebook PC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF9393TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF9393TRPBF Datasheet HTML 1Page - International Rectifier IRF9393TRPBF Datasheet HTML 2Page - International Rectifier IRF9393TRPBF Datasheet HTML 3Page - International Rectifier IRF9393TRPBF Datasheet HTML 4Page - International Rectifier IRF9393TRPBF Datasheet HTML 5Page - International Rectifier IRF9393TRPBF Datasheet HTML 6Page - International Rectifier IRF9393TRPBF Datasheet HTML 7Page - International Rectifier IRF9393TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
11/3/10
IRF9393PbF
HEXFET® Power MOSFET
Notes
 through † are on page 2
PD - 97522A
Features and Benefits
Applications
Adaptor Input Switch for Notebook PC
Features
Resulting Benefits
SO-8
27
18
3
4
6
5
G
S
S
S
D
D
D
D
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
-55 to + 150
2.5
0.02
1.6
Max.
-9.2
-7.3
-75
± 25
-30
V
A
W
°C
Note
Form
Quantity
IRF9393PbF
SO8
Tube/Bulk
95
IRF9393TRPbF
SO8
Tape and Reel
4000
Orderable part number
Package Type
Standard Pack
VDS
-30
V
VGS max
±25
V
RDS(on) max
(@VGS = -10V)
19.4
m
Ω
ID
(@TA = 25°C)
-9.2
A
25V VGS max
Direct Drive at High VGS
Industry-Standard SO8 Package
Multi-Vendor Compatibility
RoHS Compliant Containing no Lead, no Bromide and no Halogen
Environmentally Friendlier


Número de pieza similar - IRF9393TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9393PBF IRF-IRF9393PBF Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
IRF9393PBF IRF-IRF9393PBF_15 Datasheet
262Kb / 8P
   Industry-Standard SO8 Package
More results

Descripción similar - IRF9393TRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF9388TRPBF IRF-IRF9388TRPBF Datasheet
314Kb / 8P
   Adaptor Input Switch for Notebook PC
IRF9392PBF IRF-IRF9392PBF Datasheet
288Kb / 8P
   Adaptor input Switch for notebook PC
IRF9317PBF IRF-IRF9317PBF Datasheet
225Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
logo
Infineon Technologies A...
IRFHM8330PBF INFINEON-IRFHM8330PBF Datasheet
628Kb / 11P
   Charge and Discharge Switch for Notebook PC Battery Application
2016-2-23
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9310PBF IRF-IRF9310PBF_15 Datasheet
283Kb / 8P
   CHARGE AND DISCHARGE SWITCH FOR NOTEBOOK PC BATTERY APPLICATION
IRF9321TRPBF IRF-IRF9321TRPBF Datasheet
275Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8326PBF IRF-IRFHM8326PBF Datasheet
270Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
IRFHM8330PBF IRF-IRFHM8330PBF Datasheet
379Kb / 9P
   Charge and Discharge Switch for Notebook PC Battery Application
IRF9328TRPBF IRF-IRF9328TRPBF Datasheet
320Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com