Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE25139T1U74 Datasheet(PDF) 6 Page - California Eastern Labs

No. de pieza NE25139T1U74
Descripción Electrónicos  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NE25139T1U74 Datasheet(HTML) 6 Page - California Eastern Labs

  NE25139T1U74 Datasheet HTML 1Page - California Eastern Labs NE25139T1U74 Datasheet HTML 2Page - California Eastern Labs NE25139T1U74 Datasheet HTML 3Page - California Eastern Labs NE25139T1U74 Datasheet HTML 4Page - California Eastern Labs NE25139T1U74 Datasheet HTML 5Page - California Eastern Labs NE25139T1U74 Datasheet HTML 6Page - California Eastern Labs NE25139T1U74 Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NE25139
TYPICAL COMMON SOURCE SCATTERING PARAMETERS (TA = 25°C)
Note:
1. Gain Calculations:
NE25139
VDS = 5 V, VG2S = 0 V, IDS = 10 mA
FREQUENCY
S11
S21
S12
S22
KS21
MAG1
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
(dB)
0.1
1.0
-4
1.96
174
0.001
87
0.96
-1
0.2
1.0
-8
1.92
169
0.001
85
0.96
-2
0.4
0.99
-15
1.91
158
0.001
82
0.95
-3
0.6
0.97
-23
1.90
148
0.002
81
0.94
-3
0.9
0.94
-35
1.90
132
0.004
80
0.94
-4
1.0
0.92
-39
1.90
126
0.004
79
0.94
-5
1.5
0.82
-61
1.88
99
0.006
78
0.94
-6
2.0
0.69
-86
1.52
71
0.008
95
0.95
-9
2.5
0.60
-110
1.41
45
0.012
118
0.96
-12
3.0
0.51
-131
1.39
19
0.023
153
0.97
-18
3.5
0.51
-147
1.37
-6
0.039
162
0.97
-27
4.0
0.63
-167
1.20
-47
0.042
157
0.96
-42
0.47
5.8
32.9
0.51
5.7
32.8
0.70
5.6
32.8
1.14
5.6
27.5
1.18
5.6
24.2
1.49
5.6
22.6
2.03
5.5
19.2
2.21
3.6
16.6
1.34
3.0
17.2
0.32
2.9
17.8
0.04
2.1
15.1
0.07
1.6
14.6
Coordinates in Ohms
Frequency in GHz
(VDS = 5 V, VG2S = 0 V, IDS = 10 mA)
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
j250
j150
j100
j50
10
10
25
50
100 150 250
j10
0
-j10
-j25
-j50
-j100
-j150
-j250
S11
.1 GHz
S22
.1 GHz
S22
4 GHz
S11
4 GHz
+90
˚
+60
˚
+30
˚
+120
˚
+150
˚
-150
˚
-120
˚
-90
˚
-60
˚
-30
˚
0
˚
+180
˚
S21
.1 GHz
S21
.25
1.0
1.5
2.0
2.5
.20
.15
.10
.5
S12
.1 GHz
S12
4 GHz


Número de pieza similar - NE25139T1U74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE25139T1U74 NEC-NE25139T1U74 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

Descripción similar - NE25139T1U74

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
logo
California Eastern Labs
NE25118 CEL-NE25118 Datasheet
51Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com