Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE202930-T1-A Datasheet(PDF) 1 Page - California Eastern Labs

No. de pieza NE202930-T1-A
Descripción Electrónicos  Silicon NPN Epitaxial High Frequency Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NE202930-T1-A Datasheet(HTML) 1 Page - California Eastern Labs

  NE202930-T1-A Datasheet HTML 1Page - California Eastern Labs NE202930-T1-A Datasheet HTML 2Page - California Eastern Labs NE202930-T1-A Datasheet HTML 3Page - California Eastern Labs NE202930-T1-A Datasheet HTML 4Page - California Eastern Labs NE202930-T1-A Datasheet HTML 5Page - California Eastern Labs NE202930-T1-A Datasheet HTML 6Page - California Eastern Labs NE202930-T1-A Datasheet HTML 7Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
6
f
o
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
3
0
0
0
S
D
9
0
R
Jul 14, 2010
Preliminary
Data Sheet
NE202930
Silicon NPN Epitaxial High Frequency Transistor
FEATURES
High transition frequency fT = 11 GHz TYP.
Ideal for low noise and low distortion amplification
Suitable for equipments of low collector voltage (Less than 5 V)
Suitable for up to 1 GHz applications
APPLICATIONS
LNA (Low Noise Amplifier) or power splitter for digital-TV
OUTLINE
RENESAS Package code: 30
(Package name: 3-pin super minimold (30 PKG))
Note: Marking is "R7D"
1. Emitter
2. Base
3. Collector
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
NE202930-T1
NE202930-T1-A
3-pin super
minimold (30 PKG)
(Pb-Free)
R7D
Embossed tape 8 mm wide
Pin 3 face the perforation side of the tape
Qty 3 kpcs/reel
Remark To order evaluation samples, please contact your nearby sales office.
Part number for sample order: NE202930-A
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
9
V
Collector to Emitter Voltage
(Base Short)
VCES
9
V
Collector to Emitter Voltage
(Base Open)
VCEO
6
V
Emitter to Base Voltage
VEBO
2
V
Collector Current
IC
100
mA
Total Power Dissipation
Note
Ptot
150
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note: Free air
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0003EJ0100
Rev.1.00
Jul 14, 2010
A Business Partner of Renesas Electronics Corporation.


Número de pieza similar - NE202930-T1-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NE202930-T1 RENESAS-NE202930-T1 Datasheet
217Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
More results

Descripción similar - NE202930-T1-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930 Datasheet
217Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
   Silicon NPN Epitaxial High Frequency Transistor
logo
NEC
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
   HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
   NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
   HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com