Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KDZTR11B Datasheet(PDF) 5 Page - Rohm

No. de pieza KDZTR11B
Descripción Electrónicos  Voltage regulation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

KDZTR11B Datasheet(HTML) 5 Page - Rohm

  KDZTR11B Datasheet HTML 1Page - Rohm KDZTR11B Datasheet HTML 2Page - Rohm KDZTR11B Datasheet HTML 3Page - Rohm KDZTR11B Datasheet HTML 4Page - Rohm KDZTR11B Datasheet HTML 5Page - Rohm KDZTR11B Datasheet HTML 6Page - Rohm KDZTR11B Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
KDZ3.6B
lElectrical characteristic curves
0.0001
0.001
0.01
0.1
1
10
100
1000
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1
Ta = 75°C
Ta = 25°C
Ta = 125°C
Ta = 150°C
Ta = -25°C
0.001
0.01
0.1
1
10
100
0
1
2
3
4
Ta = 75°C
Ta = 25°C
Ta = 125°C
Ta = -25°C
Ta = 150°C
100
1000
10000
0
0.2
0.4
0.6
0.8
1
f = 1MHz
3.5
3.6
3.7
3.8
3.9
4
AVE : 3.813V
Ta=25°C
IZ=40mA
n=30pcs
ZENER VOLTAGE : VZ(V)
VZ -IZ CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VZ DISPERSION MAP
5/6
2013.11 - Rev.H


Número de pieza similar - KDZTR11B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
KDZTR10B ROHM-KDZTR10B Datasheet
116Kb / 5P
   Zener diode
KDZTR13B ROHM-KDZTR13B Datasheet
115Kb / 5P
   Zener diode
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
More results

Descripción similar - KDZTR11B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
VDZT2R10B ROHM-VDZT2R10B Datasheet
138Kb / 6P
   Voltage regulation
KDZTR16B ROHM-KDZTR16B Datasheet
413Kb / 7P
   Voltage regulation
KDZTR7-5B ROHM-KDZTR7-5B Datasheet
117Kb / 5P
   Voltage regulation
PTZTE255.6B ROHM-PTZTE255.6B Datasheet
154Kb / 5P
   Voltage regulation
PTZTE2512A ROHM-PTZTE2512A Datasheet
444Kb / 11P
   Voltage regulation
logo
Seiko Instruments Inc
S-882125AMH-M2ATFZ SII-S-882125AMH-M2ATFZ Datasheet
1Mb / 24P
   VOLTAGE REGULATION
logo
Rohm
PTZTE2516B ROHM-PTZTE2516B Datasheet
154Kb / 5P
   Voltage regulation
UDZSTE-173.0B ROHM-UDZSTE-173.0B Datasheet
158Kb / 2P
   Voltage Regulation
VDZT2R12B ROHM-VDZT2R12B Datasheet
142Kb / 5P
   Voltage regulation
UMZ27NT106 ROHM-UMZ27NT106 Datasheet
136Kb / 3P
   Voltage regulation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com