Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2425N50ATI Datasheet(PDF) 2 Page - Anaren Microwave

No. de pieza BD2425N50ATI
Descripción Electrónicos  Ultra Low Profile 0404 Balun for TI transceiver CC2500
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N50ATI Datasheet(HTML) 2 Page - Anaren Microwave

  BD2425N50ATI_14 Datasheet HTML 1Page - Anaren Microwave BD2425N50ATI_14 Datasheet HTML 2Page - Anaren Microwave BD2425N50ATI_14 Datasheet HTML 3Page - Anaren Microwave BD2425N50ATI_14 Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model BD2425N50ATI
Rev A
Sales Desk USA: Voice: (800) 544-2414 Fax: (315) 432-9121
Sales Desk Europe: Voice: (+44) 2392 232392 Fax: (+44) 2392 251369
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances
With DC Bias
Plated thru
hole to
ground
Solder Resist
Footprint Pad (s)
Circuit Pattern
3X Transmission
Line
3X .011
[0.29]
3X .011
[0.29]
.020
[0.50]
.020
[0.50]
Dimensions are in Inches [Millimeters]
Mounting Footprint
.008 [0.21]
.008 [0.21]
.014 [0.36]


Número de pieza similar - BD2425N50ATI_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
BD2425N50ATI ANAREN-BD2425N50ATI Datasheet
254Kb / 3P
   Ultra Low Profile 0404 Balun for TI transceiver CC2500 50. to 127j34. Balanced
More results

Descripción similar - BD2425N50ATI_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
BD2425N50ATI ANAREN-BD2425N50ATI Datasheet
254Kb / 3P
   Ultra Low Profile 0404 Balun for TI transceiver CC2500 50. to 127j34. Balanced
BD2425N100ATI ANAREN-BD2425N100ATI Datasheet
2Mb / 4P
   Impedance Matched Ultra Low profile 0404 Balun for TI CC2530 chipset
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425N5075AHF ANAREN-BD2425N5075AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD2425NNRF ANAREN-BD2425NNRF Datasheet
252Kb / 4P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com