Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-181-060E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-181-060E
Descripción Electrónicos  Phototransistor Optocoupler SMD Mini-Flat Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-181-060E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-181-060E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-060E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-060E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-060E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-060E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-181-060E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2011 Avago Technologies. All rights reserved.
AV02-0774EN - September 13, 2011
Test Circuit for Response Time
Test Circuit for Frequency Response
VCC
RD
INPUT
RL
OUTPUT
INPUT
OUTPUT
10%
90%
t
t
t
t
d
r
s
f
VCC
RD
RL
OUTPUT
~


Número de pieza similar - HCPL-181-060E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-181-060E HP-HCPL-181-060E Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
More results

Descripción similar - HCPL-181-060E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-000E AVAGO-HCPL-181-000E Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181 AVAGO-HCPL-181 Datasheet
356Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-181 HP-HCPL-181 Datasheet
74Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-181-06BE AVAGO-HCPL-181-06BE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06CE AVAGO-HCPL-181-06CE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-181-06DE AVAGO-HCPL-181-06DE Datasheet
105Kb / 6P
   Phototransistor Optocoupler SMD Mini-Flat Type
logo
Agilent(Hewlett-Packard...
HCPL-354 HP-HCPL-354 Datasheet
75Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-354-00AE AVAGO-HCPL-354-00AE Datasheet
299Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354 AVAGO-HCPL-354 Datasheet
312Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
HCPL-354-06AE AVAGO-HCPL-354-06AE Datasheet
330Kb / 6P
   AC Input Phototransistor Optocoupler SMD Mini-Flat Type
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com