Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-3020-500E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza HCPL-3020-500E
Descripción Electrónicos  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3020-500E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3020-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–40
100
°C
Average Input Current
IF(AVG)
20
mA
1
Peak Transient Input Current (<1 µs pulse width, 300 pps)
IF(TRAN)
1.0
A
Reverse Input Voltage
VR
5
V
“High” Peak Output Current
IOH(PEAK)
0.4
A
2
“Low” Peak Output Current
IOL(PEAK)
0.4
A
2
Supply Voltage
VCC – VEE
–0.5
35
V
Output Voltage
VO(PEAK)
–0.5
VCC
V
Output Power Dissipation
PO
250
mW
3
Input Power Dissipation
PI
45
mW
4
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Package Outline Drawings section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Power Supply
VCC - VEE
10
30
V
Input Current (ON)
IF(ON)
7
12
mA
Input Voltage (OFF)
VF(OFF)
–3.0
0.8
V
Operating Temperature
TA
–40
100
°C
Insulation and Safety Related Specifications
Parameter
Symbol HCPL-3020 HCPL-0302 Units Conditions
Minimum External Air Gap
L(101)
7.1
4.9
mm
Measured from input terminals to output
(Clearance)
terminals, shortest distance through air.
Minimum External Tracking
L(102)
7.4
4.8
mm
Measured from input terminals to output
(Creepage)
terminals, shortest distance path along
body.
Minimum Internal Plastic Gap
0.08
0.08
mm
Through insulation distance conductor to
(Internal Clearance)
conductor, usually the straight line distance
thickness between the emitter and
detector.
Tracking Resistance
CTI
>175
>175
V
DIN IEC 112/VDE 0303 Part 1
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89,
Table 1)


Número de pieza similar - HCPL-3020-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
260Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Descripción similar - HCPL-3020-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com