Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A-321SR-A Datasheet(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

No. de pieza A-321SR-A
Descripción Electrónicos  0.32 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Página de inicio  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-321SR-A Datasheet(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-321SR-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-321SR-A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
0.32
INCH
SINGLE
DIGIT
DISPLAY
A-321SR-A G/W
REV:A / 0
2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to
avoid steering the PIN (See Fig.2).
3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to
preserve the soldering conditions with irons stated above: select a best-suited method that
assures the least stress to the Display.
4) PIN cutting after soldering should be performed only after the Display temperature has returned to
normal temperature.
—LED MOUNTING METHOD
1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on
the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective
components including the Display should be taken into account especially when designing the
case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the
diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the
shape of the holes should be made oval. (See Fig.3)
DRAWING NO. : DS-11-11-0238G
DATE : 2011-07-11
Page : 6
Fig.3
Fig.2


Número de pieza similar - A-321SR-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A-32-LC-7-T ETC1-A-32-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-32-LC-T2 ETC1-A-32-LC-T2 Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-32-LC-TR ETC1-A-32-LC-TR Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-32-LC-TT ETC1-A-32-LC-TT Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
A-32-LC-XX ETC1-A-32-LC-XX Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Descripción similar - A-321SR-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PARA LIGHT ELECTRONICS ...
C-321G PARALIGHT-C-321G Datasheet
193Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
C-321SR-A PARALIGHT-C-321SR-A Datasheet
193Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
C-321E-EP-A PARALIGHT-C-321E-EP-A Datasheet
198Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD335-62V-XX-PF LIGITEK-LSD335-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP3 LIGITEK-LSD335-61-XX-RP3 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-64-XX-PF LIGITEK-LSD335-64-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-65-XX-RP38 LIGITEK-LSD335-65-XX-RP38 Datasheet
90Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP117-PF LIGITEK-LSD335-61-XX-RP117-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com