Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAQV254 Datasheet(PDF) 5 Page - COSMO Electronics Corporation

No. de pieza KAQV254
Descripción Electrónicos  6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV254 Datasheet(HTML) 5 Page - COSMO Electronics Corporation

  KAQV254 Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV254 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69M10008.1
- 5 -
http://www.cosmo-ic.com
cosmo
KAQV254 Series
6PIN 400V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.1 Load Current
vs. Ambient Temperature
Fig.2 On Resistance
vs. Ambient Temperature
0
3 0
6 0
9 0
1 2 0
1 5 0
1 8 0
2 1 0
0
-2 0
-4 0
2 0
4 0
60
8 0
10 0
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 0
2 0
3 0
4 0
5 0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.3 Turn-on Time
vs. Ambient Temperature
Fig.4 Turn-off Time
vs. Ambient Temperature
0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 .2
0 .4
0 .6
0 .8
1 .0
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.5 LED Operate Current
vs. Ambient Temperature
Fig.6 LED Turn-off Current
vs. Ambient Temperature
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1
2
3
4
5
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
0 . 5
1 . 0
1 . 5
2 . 0
2 . 5
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)


Número de pieza similar - KAQV254

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV254A COSMO-KAQV254A Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
KAQV254ATL COSMO-KAQV254ATL Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254ATR COSMO-KAQV254ATR Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254TL COSMO-KAQV254TL Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254TR COSMO-KAQV254TR Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Descripción similar - KAQV254

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414 Datasheet
489Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com