Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAQV253HA Datasheet(PDF) 4 Page - COSMO Electronics Corporation

No. de pieza KAQV253HA
Descripción Electrónicos  6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV253HA Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQV253HA Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV253HA Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69M10007.1
- 4 -
http://www.cosmo-ic.com
cosmo
KAQV253 Series
6PIN 250V N.O TYPE
SOLID STATE RELAY-MOSFET OOUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
1
6
3
2
5
4
1a
AC
DC
A
(AC,DC)
IN
V
3
F
I
2
1
4
5
6
Load
I L
L
V
Load
4
6
L
I
L
V
(AC,DC)
DC
B
(DC)
(DC)
3
IN
V
2
3
I F
1
IN
V
F
I
2
1
4
5
4
6
5
6
Lo ad
L
I
L
V
+
-
Lo ad
I L
L
V
-
+
Load
Load
5
4
L
I
5
6
I L
+
-
V L (DC)
-
+
L
V
(DC)
DC
C
(DC)
3
IN
V
F
I
2
1
4
5
6
L
I
Load
L
V
-
+
Load
4
5
6
I
-
+
L
V
L
(DC)


Número de pieza similar - KAQV253HA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV253A COSMO-KAQV253A Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
KAQV253ATL COSMO-KAQV253ATL Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATR COSMO-KAQV253ATR Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253TL COSMO-KAQV253TL Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253TR COSMO-KAQV253TR Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

Descripción similar - KAQV253HA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV213 COSMO-KAQV213 Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253 COSMO-KAQV253_15 Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV217 COSMO-KAQV217_15 Datasheet
271Kb / 12P
   6PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com