Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGBL6NC60DIT4 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STGBL6NC60DIT4
Descripción Electrónicos  6 A, 600 V hyper fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGBL6NC60DIT4 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGBL6NC60DIT4 Datasheet HTML 3Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 4Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 5Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 6Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 7Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 8Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 9Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 10Page - STMicroelectronics STGBL6NC60DIT4 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
STGBL6NC60DI, STGDL6NC60DI, STGPL6NC60DI, STGFL6NC60DI
Electrical characteristics
Doc ID 15536 Rev 2
7/18
Figure 8.
Normalized gate threshold voltage
vs temperature
Figure 9.
Collector-emitter on voltage vs
collector current
Figure 10.
Normalized breakdown voltage vs
temperature
Figure 11.
Switching losses vs temperature
Figure 12.
Switching losses vs gate resistance Figure 13.
Switching losses vs collector
current
E
40
30
20
10
0
TJ(°C)
(µJ)
25
75
50
100
50
Eon
Eoff
VCC = 390 V, VGE = 15 V
IC = 3 A, RG = 10
AM03825v1
E
100
80
60
40
0
RG(
Ω)
(µJ)
40
120
80
160
Eon
Eoff
VCC = 390 V, VGE = 15 V
IC = 3 A, Tj = 125 °C
AM03826v1
E
30
20
10
0
0.5
Ic(A)
(µJ)
1
2
1.5
2.5
Eon
Eoff
VCC = 390 V, VGE = 15 V
Rg = 10
Ω, Tj = 125 °C
3
50
40
AM03827v1


Número de pieza similar - STGBL6NC60DIT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGBL6NC60DT4 STMICROELECTRONICS-STGBL6NC60DT4 Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
More results

Descripción similar - STGBL6NC60DIT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com