Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-4R256FKE8D-840 Datasheet(PDF) 9 Page - Elpida Memory

No. de pieza MC-4R256FKE8D-840
Descripción Electrónicos  Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R256FKE8D-840 Datasheet(HTML) 9 Page - Elpida Memory

Back Button MC-4R256FKE8D-840 Datasheet HTML 5Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 6Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 7Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 8Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 9Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 10Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 11Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 12Page - Elpida Memory MC-4R256FKE8D-840 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
E0265N10 (Ver 1.0)
9
MC-4R256FKE8D-840
AC Electrical Specifications
Symbol
Parameter and Conditions
MIN.
TYP.
MAX.
Unit
Z
Module Impedance of RSL signals
25.2
28.0
30.8
Module Impedance of SCK and CMD signals
23.8
28.0
32.2
TPD
Average clock delay from finger to finger of all RSL clock nets
1.56
ns
(CTM, CTMN,CFM, and CFMN)
∆TPD
Propagation delay variation of RSL signals with respect to TPD
Note1,2
−21
+21
ps
∆TPD-CMOS
Propagation delay variation of SCK signal with respect to an average clock
delay
Note1
−250
+250
ps
∆TPD- SCK,CMD Propagation delay variation of CMD signal with respect to SCK signal
−200
+200
ps
Vα/VIN
Attenuation Limit
16.0
%
VXF/VIN
Forward crosstalk coefficient
(300ps input rise time 20% - 80%)
4.0
%
VXB/VIN
Backward crosstalk coefficient
(300ps input rise time 20% - 80%)
2.0
%
RDC
DC Resistance Limit
0.8
Notes 1. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets (CTM,
CTMN, CFM, and CFMN).
2. If the RIMM module meets the following specification, then it is compliant to the specification.
If the RIMM module does not meet these specifications, then the specification can be adjusted by the
“Adjusted
∆TPD Specification” table.
Adjusted
∆∆∆∆TPD Specification
Symbol
Parameter and conditions
Adjusted MIN./MAX.
Absolute
Unit
MIN.
MAX.
∆TPD
Propagation delay variation of RSL signals with respect to TPD
+/
− [17+(18*N*∆Z0)] Note
−30
+30
ps
Note N = Number of RDRAM devices installed on the RIMM module.
∆Z0 = delta Z0% = (MAX. Z0 MIN. Z0) / (MIN. Z0)
(MAX. Z0 and MIN. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers
on the module.)


Número de pieza similar - MC-4R256FKE8D-840

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4R256FKE8D-845 ELPIDA-MC-4R256FKE8D-845 Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
More results

Descripción similar - MC-4R256FKE8D-840

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4R256FKE8D ELPIDA-MC-4R256FKE8D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256CPE6C ELPIDA-MC-4R256CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 256M-BYTE (128M-WORD x 16-BIT)
MC-4R256FKE6D-840 ELPIDA-MC-4R256FKE6D-840 Datasheet
490Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CEE6B NEC-MC-4R256CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R256FKE6D ELPIDA-MC-4R256FKE6D Datasheet
116Kb / 14P
   Direct Rambus DRAM RIMM Module 256M-BYTE (128M-WORD x 16-BIT)
logo
NEC
MC-4R256CPE6C NEC-MC-4R256CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R512FKE8D ELPIDA-MC-4R512FKE8D Datasheet
132Kb / 14P
   Direct Rambus DRAM RIMM Module 512M-BYTE (256M-WORD x 18-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com