Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZW50-22B Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza BZW50-22B
Descripción Electrónicos  Transil?? transient voltage surge suppressor (TVS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-22B Datasheet(HTML) 5 Page - STMicroelectronics

  BZW50-22B Datasheet HTML 1Page - STMicroelectronics BZW50-22B Datasheet HTML 2Page - STMicroelectronics BZW50-22B Datasheet HTML 3Page - STMicroelectronics BZW50-22B Datasheet HTML 4Page - STMicroelectronics BZW50-22B Datasheet HTML 5Page - STMicroelectronics BZW50-22B Datasheet HTML 6Page - STMicroelectronics BZW50-22B Datasheet HTML 7Page - STMicroelectronics BZW50-22B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZW50
Ordering information scheme
Doc ID 2973 Rev 5
5/8
2
Ordering information scheme
Figure 11.
Ordering information scheme
Figure 9.
Transient thermal impedance
junction to ambient vs. pulse
duration
Figure 10.
Relative variation of leakage
current vs. junction temperature
0.01
0.1
1
10
100
1000
1
10
100
Zth (j-a) (°C/W)
t (s)
p
BZW
50
10
CA
RL
Transil
Peak Pulse Power
Breakdown Voltage
Packaging
50 = 5000 W
100 = 100 V
Blank = Ammopack tape
RL = Tape and reel
Types
A = Unidirectional
CA = Bidirectional


Número de pieza similar - BZW50-22B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
BZW50-22B STMICROELECTRONICS-BZW50-22B Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-22B EIC-BZW50-22B Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-22B STMICROELECTRONICS-BZW50-22B Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-22B NJSEMI-BZW50-22B Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-22B NJSEMI-BZW50-22B Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - BZW50-22B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com