Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KMOC3063 Datasheet(PDF) 2 Page - COSMO Electronics Corporation

No. de pieza KMOC3063
Descripción Electrónicos  5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3063 Datasheet(HTML) 2 Page - COSMO Electronics Corporation

  KMOC3063 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 6Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 7Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 8Page - COSMO  Electronics Corporation KMOC3063 Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Cosmo Electronics Corp.
Document No. 69P42002.1
- 2 -
http://www.cosmo-ic.com
cosmo
KMOC306X Series
5PIN ZERO-CROSS TRIAC DRIVER
PHOTOCOUPLER
Outside Dimension
Unit:mm
6.50
7.62
0.25
o
13.00
2.54
o
13.00
7.30
1.20
5.08
0.50
0~10°
7.30
5.08
1.20
2.54
6.50
0.2 5
7.3 0
1.2 0
0.50
2.54
5.0 8
7.62
10 .16 ± 0.50
7.30
10.00±0.4
1.00
6.50
7.62
0~10°
1.20
2.54
2.54
KMOC3063
KMOC3063S
KMOC3063L
KMOC3063H
TOLERANCE±0.2mm
1. Dual-in-line type.
2. Surface mount type.
4. Long creepage distance
for surface mount type.
3. Long creepage distance type.
Device Marking
cosmo
3063
YWW
Notes:
cosmo
3061、3062、3063
YWW
Y:Year code / W:Week code


Número de pieza similar - KMOC3063

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KMOC3063 COSMO-KMOC3063 Datasheet
384Kb / 2P
   ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3063 COSMO-KMOC3063 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3063H COSMO-KMOC3063H Datasheet
88Kb / 6P
   Zero Crossing Optoisolators TRIAC
KMOC3063H COSMO-KMOC3063H Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3063L COSMO-KMOC3063L Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results

Descripción similar - KMOC3063

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KMOC304X COSMO-KMOC304X Datasheet
217Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC306X COSMO-KMOC306X_15 Datasheet
271Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC308X COSMO-KMOC308X_15 Datasheet
268Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC304X COSMO-KMOC304X_15 Datasheet
345Kb / 10P
   5PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3503 COSMO-KTLP3503_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3617 COSMO-KTLP3617_15 Datasheet
254Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012 COSMO-KMOC3012_15 Datasheet
254Kb / 10P
   4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP3507 COSMO-KTLP3507_15 Datasheet
255Kb / 10P
   8PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP166J COSMO-KTLP166J_15 Datasheet
211Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KTLP161L COSMO-KTLP161L_15 Datasheet
210Kb / 9P
   4PIN MINI-FLAT ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com