Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF7021BCPZ-RL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADF7021BCPZ-RL
Descripción Electrónicos  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF7021BCPZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF7021BCPZ-RL Datasheet HTML 2Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 3Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 4Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 5Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 6Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 7Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 8Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 9Page - Analog Devices ADF7021BCPZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
ADF7021
Data Sheet
Rev. B | Page 6 of 64
TRANSMISSION SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DATA RATE
2FSK, 3FSK
0.05
251
kbps
IF_BW = 25 kHz
4FSK
0.05
32.82
kbps
IF_BW = 25 kHz
MODULATION
Frequency Deviation (fDEV)3
0.056
28.26
kHz
PFD = 3.625 MHz
0.306
156
kHz
PFD = 20 MHz
Deviation Frequency Resolution
56
Hz
PFD = 3.625 MHz
Gaussian Filter BT
0.5
Raised Cosine Filter Alpha
0.5/0.7
Programmable
TRANSMIT POWER
Maximum Transmit Power4
+13
dBm
VDD = 3.0 V, TA = 25°C
Transmit Power Variation vs.
Temperature
±1
dB
−40°C to +85°C
Transmit Power Variation vs. VDD
±1
dB
2.3 V to 3.6 V at 915 MHz, TA = 25°C
Transmit Power Flatness
±1
dB
902 MHz to 928 MHz, 3 V, TA = 25°C
Programmable Step Size
0.3125
dB
−20 dBm to +13 dBm
ADJACENT CHANNEL POWER (ACP)
426 MHz, External Inductor VCO
PFD = 9.84 MHz
12.5 kHz Channel Spacing
−50
dBc
Gaussian 2FSK modulation, measured in a ±4.25 kHz bandwidth
at ±12.5 kHz offset, 2.4 kbps PN9 data, 1.2 kHz frequency deviation,
compliant with ARIB STD-T67
25 kHz Channel Spacing
−50
dBc
Gaussian 2FSK modulation, measured in a ±8 kHz bandwidth at
±25 kHz offset, 9.6 kbps PN9 data, 2.4 kHz frequency deviation,
compliant with ARIB STD-T67
868 MHz, Internal Inductor VCO
PFD = 19.68 MHz
12.5 kHz Channel Spacing
−46
dBm
Gaussian 2FSK modulation, 10 dBm output power, measured in
a ±6.25 kHz bandwidth at ±12.5 kHz offset, 2.4 kbps PN9 data,
1.2 kHz frequency deviation, compliant with ETSI EN 300-220
25 kHz Channel Spacing
−43
dBm
Gaussian 2FSK modulation, 10 dBm output power, measured in
a ±12.5 kHz bandwidth at ±25 kHz offset, 9.6 kbps PN9 data,
2.4 kHz frequency deviation, compliant with ETSI EN 300-220
433 MHz, Internal Inductor VCO
PFD = 19.68 MHz
12.5 kHz Channel Spacing
−50
dBm
Gaussian 2FSK modulation, 10 dBm output power, measured in
a ±6.25 kHz bandwidth at ±12.5 kHz offset, 2.4 kbps PN9 data,
1.2 kHz frequency deviation, compliant with ETSI EN 300-220
25 kHz Channel Spacing
−47
dBm
Gaussian 2FSK modulation, 10 dBm output power, measured in
a ±12.5 kHz bandwidth at ±25 kHz offset, 9.6 kbps PN9 data,
2.4 kHz frequency deviation, compliant with ETSI EN 300-220
OCCUPIED BANDWIDTH
99.0% of total mean power; 12.5 kHz channel spacing (2.4 kbps
PN9 data, 1.2 kHz frequency deviation); 25 kHz channel spacing
(9.6 kbps PN9 data, 2.4 kHz frequency deviation)
2FSK Gaussian Data Filtering
12.5 kHz Channel Spacing
3.9
kHz
25 kHz Channel Spacing
9.9
kHz
2FSK Raised Cosine Data Filtering
12.5 kHz Channel Spacing
4.4
kHz
25 kHz Channel Spacing
10.2
kHz
3FSK Raised Cosine Filtering
12.5 kHz Channel Spacing
3.9
kHz
25 kHz Channel Spacing
9.5
kHz
4FSK Raised Cosine Filtering
19.2 kbps PN9 data, 1.2 kHz frequency deviation
25 kHz Channel Spacing
13.2
kHz


Número de pieza similar - ADF7021BCPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7021BCPZ AD-ADF7021BCPZ Datasheet
471Kb / 44P
   High Performance Narrowband ISM Transceiver IC
Rev. PrI
More results

Descripción similar - ADF7021BCPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
ADF7021-N AD-ADF7021-N Datasheet
2Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. 0
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com