Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT721A Datasheet(PDF) 7 Page - NXP Semiconductors

No. de pieza BAT721A
Descripción Electrónicos  Planar Schottky barrier diodes with an integrated guard ring for stress protection. Encapsulated in small Surface-Mounted Device (SMD) plastic packages.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT721A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BAT721A Datasheet HTML 3Page - NXP Semiconductors BAT721A Datasheet HTML 4Page - NXP Semiconductors BAT721A Datasheet HTML 5Page - NXP Semiconductors BAT721A Datasheet HTML 6Page - NXP Semiconductors BAT721A Datasheet HTML 7Page - NXP Semiconductors BAT721A Datasheet HTML 8Page - NXP Semiconductors BAT721A Datasheet HTML 9Page - NXP Semiconductors BAT721A Datasheet HTML 10Page - NXP Semiconductors BAT721A Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
1PS76SB21_BAT721_SER_6
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 21 December 2006
7 of 11
NXP Semiconductors
1PS76SB21; BAT721 series
Schottky barrier diodes in small packages
10. Soldering
Dimensions in mm
Fig 6.
Reflow soldering footprint SOD323 (SC-76)
Dimensions in mm
Fig 7.
Wave soldering footprint SOD323 (SC-76)
msa433
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste
msa415
1.40
4.40
5.00
1.20
2.75
preferred transport direction during soldering
solder lands
solder resist
occupied area


Número de pieza similar - BAT721A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAT721A PHILIPS-BAT721A Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
logo
Nexperia B.V. All right...
BAT721A NEXPERIA-BAT721A Datasheet
193Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
1 October 2022
BAT721A NEXPERIA-BAT721A Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
BAT721A-Q NEXPERIA-BAT721A-Q Datasheet
193Kb / 8P
   40 V, 200 mA Schottky barrier dual diode
24 November 2022
logo
Pan Jit International I...
BAT721AC PANJIT-BAT721AC Datasheet
173Kb / 5P
   SCHOTTKY BARRIER (DOUBLE) DIODES
More results

Descripción similar - BAT721A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BAT54C.215 NXP-BAT54C.215 Datasheet
302Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD) plastic package.
Rev. 5-5 October 2012
BAT54AW.115 NXP-BAT54AW.115 Datasheet
287Kb / 11P
   Planar Schottky barrier diodes with an integrated guard ring for stress protection, encapsulated in a very small SOT323
Rev. 3-20 November 2012
PMEG6002EB115 NXP-PMEG6002EB115 Datasheet
74Kb / 10P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers with an integrated guard ring for stress protection, encapsulated in ultra small and flat lead Surface-Mounted Device (SMD) plastic packages
Rev. 01-24 November 2006
PMEG3050BEP PHILIPS-PMEG3050BEP Datasheet
265Kb / 13P
   Planar MEGA Schottky barrier rectifier with an integrated guard ring for stress protection
Rev. 01-28 October 2009
PMEG3010EP115 NXP-PMEG3010EP115 Datasheet
97Kb / 13P
   Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated guard ring for stress protection, encapsulated in a SOD128 small and flat lead Surface-Mounted Device (SMD) plastic package.
Rev. 01-30 December 2008
BAS316.115 NXP-BAS316.115 Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
BAS70H.115 NXP-BAS70H.115 Datasheet
224Kb / 20P
   General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
11PS76SB21_SER NEXPERIA-11PS76SB21_SER Datasheet
655Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06 - 21 December 2006
logo
NXP Semiconductors
1PS76SB21_15 PHILIPS-1PS76SB21_15_15 Datasheet
93Kb / 11P
   Schottky barrier diodes in small packages
Rev. 06-21 December 2006
PDTA114EU.115 NXP-PDTA114EU.115 Datasheet
728Kb / 17P
   PNP Resistor-Equipped Transistor (RET) family in small Surface-Mounted Device (SMD) plastic packages.
Rev. 10-21 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com