Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDZ51 Datasheet(PDF) 2 Page - Rohm

No. de pieza TDZ51
Descripción Electrónicos  Constant voltage control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

TDZ51 Datasheet(HTML) 2 Page - Rohm

  TDZ51 Datasheet HTML 1Page - Rohm TDZ51 Datasheet HTML 2Page - Rohm TDZ51 Datasheet HTML 3Page - Rohm TDZ51 Datasheet HTML 4Page - Rohm TDZ51 Datasheet HTML 5Page - Rohm TDZ51 Datasheet HTML 6Page - Rohm TDZ51 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZ series
lElectrical characteristics
(Ta= 25°C)
MIN.
MAX.
IZ(mA)
MAX.
VR(V)
TDZ 5.1
4.60
5.60
10
10
1.5
TDZ 5.6
5.10
6.10
10
10
2.5
TDZ 6.2
5.60
6.80
10
10
3.0
TDZ 6.8
6.20
7.40
10
10
3.5
TDZ 7.5
6.80
8.30
10
10
4.5
TDZ 8.2
7.40
9.00
10
10
4.9
TDZ 9.1
8.20
10.00
10
10
5.5
TDZ 10
9.00
11.00
10
10
6.0
TDZ 11
9.90
12.10
10
10
7.0
TDZ 12
10.80
13.20
10
10
8.0
TDZ 13
11.70
14.30
10
10
9.0
TDZ 15
13.50
16.50
10
10
10.0
TDZ 16
14.40
17.60
10
10
11.0
TDZ 18
16.20
19.80
10
10
12.0
TDZ 20
18.00
22.00
10
10
14.0
TDZ 22
19.80
24.20
10
10
15.0
TDZ 24
21.60
26.40
10
10
16.0
TDZ 27
24.30
29.70
10
10
19.0
TDZ 30
27.00
33.00
10
10
21.0
(1) The Zener voltage (Vz) is measured 40ms after power is supplied.
(2) The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
lMARKING
(TYPE NO.)
TYP.
Reverse current
:
IR(mA)
Symbol
Zener voltage : VZ(V)
TYPE
TYPE NO.
TYPE
TYPE NO.
TDZ 5.1
A2
TDZ 13
35
TDZ 5.6
C2
TDZ 15
45
TDZ 6.2
E2
TDZ 16
55
TDZ 6.8
F2
TDZ 18
65
TDZ 7.5
H2
TDZ 20
75
TDZ 8.2
J2
TDZ 22
85
TDZ 9.1
L2
TDZ 24
95
TDZ 10
05
TDZ 27
A5
TDZ 11
15
TDZ 30
C5
TDZ 12
25
2/6
2013.11 - Rev.D


Número de pieza similar - TDZ51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
TDZ5.1 ROHM-TDZ5.1 Datasheet
160Kb / 5P
   Zener diode
TDZ5.1 ROHM-TDZ5.1 Datasheet
142Kb / 5P
   Zener diode
TDZ5.1 ROHM-TDZ5.1 Datasheet
140Kb / 5P
   Zener diode
TDZ5.1 ROHM-TDZ5.1 Datasheet
143Kb / 5P
   Zener diode
TDZ5.1 ROHM-TDZ5.1 Datasheet
371Kb / 7P
   Zener Diode
More results

Descripción similar - TDZ51

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
UDZSTE-176.8B ROHM-UDZSTE-176.8B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR27 ROHM-TDZTR27 Datasheet
356Kb / 7P
   Constant voltage control
UDZSTE-178.2B ROHM-UDZSTE-178.2B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1710B ROHM-UDZSTE-1710B Datasheet
158Kb / 5P
   Constant voltage control
UDZSTE-1715B ROHM-UDZSTE-1715B Datasheet
159Kb / 5P
   Constant voltage control
TDZTR30 ROHM-TDZTR30 Datasheet
358Kb / 7P
   Constant voltage control
GDZT2R5.6 ROHM-GDZT2R5.6 Datasheet
117Kb / 5P
   Constant voltage control
MTZJT7724B ROHM-MTZJT7724B Datasheet
54Kb / 4P
   Constant voltage control
UDZSTE-1711B ROHM-UDZSTE-1711B Datasheet
159Kb / 5P
   Constant voltage control
EDZTE6112B ROHM-EDZTE6112B Datasheet
480Kb / 5P
   Constant voltage control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com