Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FC0H224ZFTBR24 Datasheet(PDF) 2 Page - NEC

No. de pieza FC0H224ZFTBR24
Descripción Electrónicos  6. Rated Specifi cations 6.1 FC Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

FC0H224ZFTBR24 Datasheet(HTML) 2 Page - NEC

  FC0H224ZFTBR24 Datasheet HTML 1Page - NEC FC0H224ZFTBR24 Datasheet HTML 2Page - NEC FC0H224ZFTBR24 Datasheet HTML 3Page - NEC FC0H224ZFTBR24 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2010.11.8 9565SCAVOL12E
10 Super Capacitors Vol.12
FC, FCH Type
250
200
150
100
50
0
Time (sec)
Tp Time exceeding 200
120sec
160 ℃
Reflow profile
Peak temperature
Peak temperature :
235℃,within 10sec.
250
240
230
220
210
200
Tp (sec)
Tp Time exceeding 200℃
0
10
20
30
40
50
60
Reflow profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
350
400
Time (sec)
200℃
150℃
260℃
Temperature on the
capacitor top
217℃
70sec
150sec
FCS Type
Above "Reflow Profile" graph indicates temperature at the
terminals and capacitor top.
Above "Reflow Profile" graph indicates temperature at the
terminals and capacitor top.
Precautions for use
This series is exclusively for reflow soldering. It is designed for thermal conduction system such as combination use of infrared
ray and heat blow. Consult with NEC TOKIN before applying other methods.
The reflow condition must be kept within reflow profile graphs shown below.
Applying reflow soldering is limited to 2 times. After the first reflow, cool down the capacitor thoroughly to 5-35 ℃ before the
second reflow.
Always consult with NEC TOKIN when applying reflow soldering in a more severe condition than the condition described here.
Peak temperature
Below 260 ℃
Over 255 ℃
Within 10sec.
Over 230 ℃
Within 45sec.
Over 220 ℃
Within 60sec.
Over 217 ℃
Within 70sec.
Time between 150 ℃ to
200 ℃(temperature zone
over 170 ℃=within 50sec.)
150sec.


Número de pieza similar - FC0H224ZFTBR24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
FC0H224ZFTBR24 NEC-FC0H224ZFTBR24 Datasheet
476Kb / 39P
   Super Capacitors
logo
Kemet Corporation
FC0H224ZFTBR24 KEMET-FC0H224ZFTBR24 Datasheet
57Kb / 1P
   Supercapacitors, SMD Can, Commercial Grade, FC, 0.22 F, -20/80%, 5.5 V, V-Chip
FC0H224ZFTBR24 KEMET-FC0H224ZFTBR24 Datasheet
785Kb / 16P
   Supercapacitors FC Series
More results

Descripción similar - FC0H224ZFTBR24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kingston Technology Far...
KVR32S22D8 KINGSTON-KVR32S22D8 Datasheet
139Kb / 2P
   Memory Module Specifi cations
KVR26S19S6 KINGSTON-KVR26S19S6 Datasheet
59Kb / 2P
   Memory Module Specifi cations
KVR29N21S6 KINGSTON-KVR29N21S6 Datasheet
144Kb / 2P
   Memory Module Specifi cations
KVR32N22S8 KINGSTON-KVR32N22S8 Datasheet
152Kb / 2P
   Memory Module Specifi cations
KVR26N19S6L KINGSTON-KVR26N19S6L Datasheet
124Kb / 2P
   Memory Module Specifi cations
KVR32N22D8 KINGSTON-KVR32N22D8 Datasheet
129Kb / 2P
   Memory Module Specifi cations
KVR32S22S8 KINGSTON-KVR32S22S8 Datasheet
134Kb / 2P
   Memory Module Specifi cations
KVR26N19S8 KINGSTON-KVR26N19S8 Datasheet
105Kb / 2P
   Memory Module Specifi cations
KVR29S21D8 KINGSTON-KVR29S21D8 Datasheet
139Kb / 2P
   Memory Module Specifi cations
KVR32N22S6 KINGSTON-KVR32N22S6 Datasheet
131Kb / 2P
   Memory Module Specifi cations
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com