Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3055NPN Datasheet(PDF) 3 Page - Continental Device India Limited

No. de pieza 2N3055NPN
Descripción Electrónicos  SILICON PLANAR POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3055NPN Datasheet(HTML) 3 Page - Continental Device India Limited

  2N3055NPN Datasheet HTML 1Page - Continental Device India Limited 2N3055NPN Datasheet HTML 2Page - Continental Device India Limited 2N3055NPN Datasheet HTML 3Page - Continental Device India Limited 2N3055NPN Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N3055 NPN
MJ2955 PNP
TO-3
Metal Can Package
TO-3 Metal Can Package
TO-3
100 pcs/pkt
1.3 kg/100 pcs
12.5" x 8" x 1.8"
0.1K
17" x 11.5" x 21"
2K
27.5 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
A
D
F
J
M
2
1
B
DIM
MIN.
MAX.
A
39.37
B
22.22
C
6.35
8.50
D
0.96
1.09
E
1.77
F
29.90
30.40
G
10.69
11.18
H
5.20
5.72
J
16.64
17.15
K
11.15
12.25
L
26.67
M
3.84
4.19
3
PIN CONFIGURATION
1. BASE
2. EMITTER
3. COLLECTOR
2
1
Continental Device India Limited
Data Sheet
Page 3 of 4


Número de pieza similar - 2N3055NPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Supplies
2N3055 SS-2N3055 Datasheet
230Kb / 2P
   NPN Transistor Bare Die
Rev 1.0 22/08/23
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
ON Semiconductor
2N3055 ONSEMI-2N3055 Datasheet
71Kb / 4P
   Complementary Silicon Power Transistors
December, 2005 ??Rev. 6
logo
Nell Semiconductor Co.,...
2N3055 NELLSEMI-2N3055 Datasheet
225Kb / 4P
   Complementary Silicon power transistors
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
More results

Descripción similar - 2N3055NPN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
CJF31 CDIL-CJF31 Datasheet
121Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF44H11 CDIL-CJF44H11 Datasheet
213Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15030NPN CDIL-CJF15030NPN Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF2955PNP CDIL-CJF2955PNP Datasheet
228Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF44HNPN CDIL-CJF44HNPN Datasheet
223Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15028NPN CDIL-CJF15028NPN Datasheet
101Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CDN055NPN CDIL-CDN055NPN Datasheet
81Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
CJF15028 CDIL-CJF15028 Datasheet
110Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
CJF15032NPN CDIL-CJF15032NPN Datasheet
96Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
CJF2955 CDIL-CJF2955 Datasheet
295Kb / 4P
   SILICON PLANAR POWER TRANSISTORS
logo
TRANSYS Electronics Lim...
2N3055 TEL-2N3055 Datasheet
150Kb / 3P
   SILICON PLANAR POWER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com