Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD2N90 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FQD2N90
Descripción Electrónicos  N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N90 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQD2N90 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N90 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
January 2014
FQD2N90 / FQU2N90
N-Channel QFET® MOSFET
900 V, 1.7 A, 7.2 Ω
Description
©2009 Fairchild Semiconductor Corporation
FQD2N90 / FQU2N90 Rev. C2
www.fairchildsemi.com
1
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to
reduce on-state resistance, and to provide superior
switching performance and high avalanche energy
strength. These devices are suitable for switched mode
power supplies, active power factor correction (PFC), and
electronic lamp ballasts.
Features
G
D
S
I-PAK
D-PAK
G
S
D
G
S
D
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FQD2N90TM
FQU2N90TU_WS
FQU2N90TU_AM002
Unit
RJC
Thermal Resistance, Junction to Case, Max.
2.5
oC/W
RJA
Thermal Resistance, Junction to Ambient (minimum pad of 2 oz copper), Max.
110
Thermal Resistance, Junction to Ambient (*1 in2 pad of 2 oz copper), Max.
50
• 1.7 A, 900 V, RDS(on) = 7.2 Ω (Max.) @ VGS = 10 V,
ID = 0.85 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 5.5 pF)
• 100% Avalanche Tested
• RoHS Compliant
*
 * 
())
*
4

0,-261
% &
'
0,%))61
% )7
'
4

8 
 
9 7
'
*
: * 
±;)
*
<
 8 '! <
 
%&)
=
4
'! 
 
% &
'
<
+!'! <
 
2 )
=
!5
8>+ !!5
 
? )
*5
8
80,-261@
- 2
A
80,-261
2)
A
"!-26
) ?
A56
 
+
22B%2)
6

C  
%57 2 
;))
6
Symbol
Parameter
FQD2N90TM
FQU2N90TU_WS
FQU2N90TU_AM002
Unit


Número de pieza similar - FQD2N90

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD2N90 FAIRCHILD-FQD2N90 Datasheet
750Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90 Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
logo
Inchange Semiconductor ...
FQD2N90 ISC-FQD2N90 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
More results

Descripción similar - FQD2N90

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQA8N90C-F109 FAIRCHILD-FQA8N90C-F109 Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 900 V, 8 A, 1.9 廓
FQPF6N90CT FAIRCHILD-FQPF6N90CT Datasheet
1Mb / 10P
   N-Channel QFET짰 MOSFET 900 V, 6.0 A, 2.3 廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQA11N90F109 FAIRCHILD-FQA11N90F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
FQI4N80TU FAIRCHILD-FQI4N80TU Datasheet
801Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQB7N60TM FAIRCHILD-FQB7N60TM Datasheet
771Kb / 9P
   N-Channel QFET짰 MOSFET 800 V, 3.9 A, 3.6 廓
logo
ON Semiconductor
FQD2N60C ONSEMI-FQD2N60C Datasheet
979Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 1.9 A, 4.7 廓
October-2017,Rev.2
logo
Fairchild Semiconductor
FQD1N60CTM FAIRCHILD-FQD1N60CTM Datasheet
557Kb / 9P
   N-Channel QFET짰 MOSFET 600 V, 1.0 A, 11.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com