Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LAW005B Datasheet(PDF) 5 Page - Lineage Power Corporation

No. de pieza LAW005B
Descripción Electrónicos  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINEAGEPOWER [Lineage Power Corporation]
Página de inicio  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005B Datasheet(HTML) 5 Page - Lineage Power Corporation

  LAW005B Datasheet HTML 1Page - Lineage Power Corporation LAW005B Datasheet HTML 2Page - Lineage Power Corporation LAW005B Datasheet HTML 3Page - Lineage Power Corporation LAW005B Datasheet HTML 4Page - Lineage Power Corporation LAW005B Datasheet HTML 5Page - Lineage Power Corporation LAW005B Datasheet HTML 6Page - Lineage Power Corporation LAW005B Datasheet HTML 7Page - Lineage Power Corporation LAW005B Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Lineage Power
5
Data Sheet
LAW005-Series Power Modules; dc-dc Converters:
April 2008
36 Vdc to 75 Vdc Input; 5 W
Test Configurations
1-0304
Note: Input reflected-ripple current is measured with a simulated
source impedance of 12 µH. Capacitor Cs offsets possible
battery impedance. Current is measured at the input of the
module.
Figure 1. Input Reflected-Ripple Test Setup
1-0305
Note: Use a 0.1 µF ceramic capacitor. Scope measurement should
be made using a BNC socket. Position the load between
50.8 mm and 76.2 mm (2 in. and 3 in.) from the module.
Figure 2. Peak-to-Peak Output Noise
Measurement Test Setup
1-0306
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to
avoid measurement errors due to socket contact resistance.
Figure 3. Output Voltage and Efficiency
Measurement Test Setup
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standard,
i.e., UL 60950, CSA C22.2 No. 60950-00, and VDE
0805 (IEC60950).
If the input source is non-SELV (ELV or a hazardous
voltage greater than 60 Vdc and less than or equal to
75 Vdc), for the module's output to be considered
meeting the requirements of safety extra-low voltage
(SELV), all of the following must be true:
n
The input source is to be provided with reinforced
insulation from any other hazardous voltages, includ-
ing the ac mains.
n
One VI pin and one VO pin are to be grounded, or
both the input and output pins are to be kept floating.
n
The input pins of the module are not operator acces-
sible.
n
Another SELV reliability test is conducted on the
whole system, as required by the safety agencies, on
the combination of supply source and the subject
module to verify that under a single fault, hazardous
voltages do not appear at the module's output.
Note: Do not ground either of the input pins of the
module without grounding one of the output
pins. This may allow a non-SELV voltage to
appear between the output pins and ground.
The power module has extra-low voltage (ELV) outputs
when all inputs are ELV.
The input to these units is to be provided with a maxi-
mum 5 A normal-blow fuse in the ungrounded lead.
Feature Description
Output Overvoltage Protection (single output mod-
ules only)
Output overvoltage protection is not a feature on dual
output modules. For single output modules, the output
overvoltage protection consists of a Transient Voltage
Suppressor (TVS) diode across the output terminals.
During an ouput overvoltage fault condition, this diode
protection clamps the output within the voltages shown
in Table 5
TO OSCILLOSCOPE
CS 220 µF
IMPEDANCE < 0.1
Ω
@ 20 ˚C, 100 kHz
VI(+)
VI(-)
LTEST
BATTERY
12 µH
VO (+)
VO (–)
RESISTIVE
LOAD
SCOPE
0.1 µF
COPPER STRIP
VI(+)
VI(-)
VO(+)
VO(-)
II
IO
SUPPLY
CONTACT RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
η
VO +
() –VO(–)
[]IO
VI +
() –VI(–)
[]II
-------------------------------------------------
⎝⎠
⎛⎞ x 100
=%


Número de pieza similar - LAW005B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LAW51M OSRAM-LAW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
LAW57B OSRAM-LAW57B Datasheet
491Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LAW5AM OSRAM-LAW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LAW5AP OSRAM-LAW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
More results

Descripción similar - LAW005B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com