Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
Si5350A Datasheet(PDF) 6 Page - Silicon Laboratories |
|
Si5350A Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 20 page 6 / CLOCK A ND OSCILL ATOR SELEC TOR PCIe CLOCK FEATURES • Full portfolio of PCI Express (PCIe) Gen 1/2/3 clocks and buffers • All products utilize push-pull HCSL output buffers • Fully integrated termination resistors on PCIe outputs • Low power consumption • Programmable spread spectrum • Available hardware strapping pin for spread enable • I2C/SMBus programmable • Also supports LVPECL, LVDS, or CML levels • Industrial temperature grade • Individual output enable control • Small form factor QFN packaging Silicon Labs offers the lowest power, highest performance PCI-Express clock generators in the market. All devices in the portfolio feature low power push-pull output buffer technology, providing benefits of low power consumption, reduced external terminating resistors and smaller packaging. To optimize performance, the devices support programmable drive strength, rise/fall times and output impedance. Basic HCSL PCIe and high-performance differential clocks and buffers are available. Support for down spread spectrum clock generation is also provided. PCI Express Clock Generators (PCIe) PART NUMBER CONTROL CLOCK INPUT/ OUTPUTS INPUT FREQUENCY (MHz) OUTPUT FREQUENCY (MHz) PHASE JITTER (RMS) VDD VDDO OUTPUT PACKAGE Si52142 Pin/I2C 1/3 25 MHz 100 MHz, 25 MHz 1.0 ps 3.3 V 3.3 V HSCL, LVCMOS QFN24 Si52143 Pin/I2C 1/5 25 MHz 100 MHz, 25 MHz 1.0 ps 3.3 V 3.3 V HSCL, LVCMOS QFN24 Si52144 Pin/I2C 1/4 25 MHz 100 MHz 1.0 ps 3.3 V 3.3 V HSCL QFN24 Si52146 Pin/I2C 1/6 25 MHz 100 MHz 1.0 ps 3.3 V 3.3 V HSCL QFN32 Si52147 Pin/I2C 1/9 25 MHz 100 MHz 1.0 ps 3.3 V 3.3 V HSCL QFN48 SL28SRC01 Pin 1/1 14.318 MHz 100 MHz 1.0 ps 3.3 V 3.3 V HCSL TSSOP16 SL28SRC02 Pin 1/2 14.318 MHz 100 MHz 1.0 ps 3.3 V 3.3 V HCSL TSSOP20 SL28SRC04 Pin 1/4 14.318 MHz 100 MHz 1.0 ps 3.3 V 3.3 V HCSL TSSOP24 Si5334 Pin 1/4 5 - 710 (Clock), 8 - 30 (Xtal) 0.16 - 710 MHz 1.0 ps 1.8, 2.5, 3.3 V 1.8, 2.5, 3.3 V LVCMOS, LVDS, LVPECL, HCSL, SSTL, HSTL QFN24 Si5335 Pin 1/4 10 - 350 (Clock), 25/27 (Xtal) 1 - 350 MHz 1.0 ps 1.8, 2.5, 3.3 V 1.8, 2.5, 3.3 V LVCMOS, LVDS, LVPECL, HCSL, SSTL, HSTL, CML QFN24 Si5338 I2C 1/4 5 - 710 (Clock) 8 - 30 (Xtal) 0.16 - 710 MHz 1.0 ps 1.8, 2.5, 3.3 V 1.8, 2.5, 3.3 V LVPECL, LVDS, LVCMOS, HCSL, SSTL, HSTL QFN24 Nana Flash Nana Flash Nana Flash Nana Flash Flash Controller Flash Controller Nana Flash Nana Flash NAND Flash NAND Flash ASIC ASIC Flash Controller Flash Controller Nana Flash Nana Flash Nana Flash Nana Flash Nana Flash Nana Flash NAND Flash NAND Flash 100 MHz HCSL 100 MHz HCSL 100 MHz HCSL 100 MHz HCSL Nana Flash Nana Flash Nana Flash Nana Flash Flash Controller Flash Controller Nana Flash Nana Flash NAND Flash NAND Flash 100 MHz HCSL Si53154 Clock Generator Si53154 Clock Generator |
Número de pieza similar - Si5350A |
|
Descripción similar - Si5350A |