Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7625BCPZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7625BCPZ
Descripción Electrónicos  16-Bit, 6 MSPS, PulSAR Differential ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7625BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7625BCPZ Datasheet HTML 4Page - Analog Devices AD7625BCPZ Datasheet HTML 5Page - Analog Devices AD7625BCPZ Datasheet HTML 6Page - Analog Devices AD7625BCPZ Datasheet HTML 7Page - Analog Devices AD7625BCPZ Datasheet HTML 8Page - Analog Devices AD7625BCPZ Datasheet HTML 9Page - Analog Devices AD7625BCPZ Datasheet HTML 10Page - Analog Devices AD7625BCPZ Datasheet HTML 11Page - Analog Devices AD7625BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7625
Data Sheet
Rev. A | Page 8 of 24
Pin No.
Mnemonic
Type1
Description
25, 26, 28
CAP2
AO
Connect all three CAP2 pins together and decouple them with the shortest trace possible to a single
10 μF, low ESR, low ESL capacitor. The other side of the capacitor must be placed close to Pin 27 (GND).
27
GND
P
Ground. Return path for the 10 μF capacitor connected to Pin 25, Pin 26, and Pin 28.
29, 30, 32
REF
AI/O
Buffered Reference Voltage. When using the internal reference or the 1.2 V external reference (REFIN
input), the 4.096 V system reference is produced at this pin. When using an external reference, such
as the ADR434 or the ADR444, the internal reference buffer must be disabled. In either case, connect
all three REF pins together and decouple them with the shortest trace possible to a single 10 μF, low
ESR, low ESL capacitor. The other side of the capacitor must be placed close to Pin 31 (GND).
31
GND
P
Ground. Return path for the 10 μF capacitor connected to Pin 29, Pin 30, and Pin 32.
EP
Exposed Pad
The exposed pad is located on the underside of the package. Connect the exposed pad to the
ground plane of the PCB using multiple vias. See the Exposed Paddle section for more information.
1 AI = analog input; AI/O = bidirectional analog; AO = analog output; DI = digital input; DO = digital output; P = power.


Número de pieza similar - AD7625BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7625BCPZ AD-AD7625BCPZ Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7625BCPZRL7 AD-AD7625BCPZRL7 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
More results

Descripción similar - AD7625BCPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
   16-Bit, 6 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
   16-Bit, 10 MSPS, PulSAR Differential ADC
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
   16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7623 AD-AD7623 Datasheet
444Kb / 29P
   16-Bit, 1.33 MSPS PulSAR ADC
AD7960 AD-AD7960 Datasheet
814Kb / 24P
   18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626 Datasheet
159Kb / 11P
   16-Bit, 10MSPS PulSAR Differential ADC
Rev. PrC
AD7625 AD-AD7625 Datasheet
160Kb / 11P
   16-Bit, 6MSPS PulSAR Differential ADC
Rev. PrB
AD7952 AD-AD7952 Datasheet
868Kb / 32P
   14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7903BRQZ AD-AD7903BRQZ Datasheet
1Mb / 29P
   Dual Differential 16-Bit, 1 MSPS PulSAR ADC 12.0 mW in QSOP
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com