Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FFPF14X150STU Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FFPF14X150STU
Descripción Electrónicos  High voltage and high reliability
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF14X150STU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FFPF14X150STU Datasheet HTML 1Page - Fairchild Semiconductor FFPF14X150STU Datasheet HTML 2Page - Fairchild Semiconductor FFPF14X150STU Datasheet HTML 3Page - Fairchild Semiconductor FFPF14X150STU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
DAMPER DIODE
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
1500
V
IF(AV)
Average Rectified Forward Current
@ TC = 125°C14
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
140
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
1.5
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 14A
I F = 14A
TC = 25 °C
TC = 125 °C
-
-
-
-
2.4
2.1
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 125 °C
-
-
-
-
20
300
µA
trr
Maximum Reverse Recovery Time
(IF =1A, di/dt = 50A/µs)
--
120
ns
tfr
Maximum Forward Recovery Time
(IF =6.5A, di/dt = 50A/µs)
--
290
ns
VFRM
Maximum Forward Recovery Voltage
-
-
13
V
FFPF14X150S
Features
• High voltage and high reliability
• High speed switching
• Low forward voltage
TO-220F
1
2
1. Cathode
2. Anode
Applications
• Suitable for damper diode in horizontal
deflection circuits


Número de pieza similar - FFPF14X150STU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
   DAMPER DIODE
More results

Descripción similar - FFPF14X150STU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
KSC5367F FAIRCHILD-KSC5367F Datasheet
62Kb / 6P
   High Voltage and High Reliability
FJPF5021 FAIRCHILD-FJPF5021 Datasheet
57Kb / 5P
   High Voltage and High Reliability
FJP5027 FAIRCHILD-FJP5027 Datasheet
59Kb / 5P
   High Voltage and High Reliability
logo
Unisonic Technologies
2SC5027 UTC-2SC5027_10 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY
logo
Fairchild Semiconductor
FFPF05U60STTU FAIRCHILD-FFPF05U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
FFPF30U60STTU FAIRCHILD-FFPF30U60STTU Datasheet
78Kb / 4P
   High voltage and high reliability
logo
SemiHow Co.,Ltd.
KSH5027AF SEMIHOW-KSH5027AF Datasheet
337Kb / 5P
   High Voltage and High Reliability
logo
Tiger Electronic Co.,Lt...
KSC5027 TGS-KSC5027 Datasheet
158Kb / 1P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com