Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FQD7N20L Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza FQD7N20L
Descripción Electrónicos  N-Channel QFET짰 MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N20L Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FQD7N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
FQD7N20L Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Figure 16. TO252 (D-PAK), Molded, 3-Lead, Option AA&AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT252-003


Número de pieza similar - FQD7N20L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L Datasheet
570Kb / 9P
   200V LOGIC N-Channel MOSFET
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L_08 Datasheet
627Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Descripción similar - FQD7N20L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQD2N90TM FAIRCHILD-FQD2N90TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com