Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5266B Datasheet(PDF) 1 Page - Formosa MS

No. de pieza 1N5266B
Descripción Electrónicos  Zener diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FORMOSA [Formosa MS]
Página de inicio  http://www.formosams.com
Logo FORMOSA - Formosa MS

1N5266B Datasheet(HTML) 1 Page - Formosa MS

  1N5266B Datasheet HTML 1Page - Formosa MS 1N5266B Datasheet HTML 2Page - Formosa MS 1N5266B Datasheet HTML 3Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Formosa MS
1N5221B~1N5267B
Formosa MS
1
Zener diode
Features
1.
High reliability
2.
Very sharp reverse characteristic
3.
Low reverse current level
4.
VZ-tolerance± 5%
Applications
Voltage stabilization
Absolute Maximum Ratings
Tj=25?
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
Tamb= 75?
PV
500
mW
Z-current
IZ
PV/VZ
mA
Junction temperature
Tj
200
?
Storage temperature range
Tstg
-65~+200
?
Maximum Thermal Resistance
Tj=25?
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
I=9.5mm(3/8”) TL=constant
RthJA
300
K/W
Electrical Characteristics
Tj=25?
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.1
V


Número de pieza similar - 1N5266B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
1N5266B VISHAY-1N5266B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Yea Shin Technology Co....
1N5266B YEASHIN-1N5266B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Leshan Radio Company
1N5266B LRC-1N5266B Datasheet
48Kb / 2P
   ZENER DIODES
logo
Zibo Seno Electronic En...
1N5266B ZSELEC-1N5266B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
Vishay Siliconix
1N5266B VISHAY-1N5266B Datasheet
99Kb / 6P
   Small Signal Zener Diodes
Rev. 2.0, 31-Jan-12
More results

Descripción similar - 1N5266B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com