Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25119PSQE Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM25119PSQE
Descripción Electrónicos  LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM25119PSQE Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25119PSQE Datasheet HTML 3Page - Texas Instruments LM25119PSQE Datasheet HTML 4Page - Texas Instruments LM25119PSQE Datasheet HTML 5Page - Texas Instruments LM25119PSQE Datasheet HTML 6Page - Texas Instruments LM25119PSQE Datasheet HTML 7Page - Texas Instruments LM25119PSQE Datasheet HTML 8Page - Texas Instruments LM25119PSQE Datasheet HTML 9Page - Texas Instruments LM25119PSQE Datasheet HTML 10Page - Texas Instruments LM25119PSQE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM25119/25119Q
www.ti.com
SNVS680E – AUGUST 2010 – REVISED FEBRUARY 2013
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -40°C to
+125°C. Unless otherwise specified, the following conditions apply: VIN = 12V, VCC = 8V, VCCDIS = 0V, EN2 = 5V, RT =
25k
Ω, no load on LO and HO. Electrical characteristics are per channel where applicable. See
(1), (2), and (3).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Oscillator
fSW1
Frequency 1
RT = 25kΩ
180
200
220
kHz
fSW2
Frequency 2
RT = 10kΩ
430
480
530
kHz
RT Output Voltage
1.25
V
RT Sync Positive Threshold
2.5
3.2
4
V
Sync Pulse Minimum Width
100
ns
Current Limit
VCS(TH)
Cycle-by-cycle Sense Voltage
RAMP = 0
106
120
134
mV
Threshold (CS - CSG)
CS Bias Current
CS = 0V
-70
-95
µA
Hiccup Mode Fault Timer
256
Cycles
RES
IRES
RES current Source
9.7
µA
VRES
RES threshold
CRES Charging
1.20
1.25
1.30
V
Diode Emulation
VIL
DEMB Input Low Threshold
2.0
1.65
V
VIH
DEMB Input High Threshold
2.9
2.6
V
DEMB Input Pull-Down Resistance
50
k
SW Zero Cross Threshold
-5
mV
LO Gate Driver
VOLL
LO Low-state Output Voltage
ILO = 100mA
0.1
0.18
V
VOHL
LO High-state Output Voltage
ILO = -100mA, VOHL = VCC - VLO
0.17
0.26
V
LO Rise Time
C-load = 1000pF
6
ns
LO Fall Time
C-load = 1000pF
5
ns
IOHL
Peak LO Source Current
VLO = 0V
2.5
A
IOLL
Peak LO Sink Current
VLO = VCC
3.3
A
HO Gate Driver
VOLH
HO Low-state Output Voltage
IHO = 100mA
0.11
0.19
V
VOHH
HO High-state Output Voltage
IHO = -100mA, VOHH = VHB - VHO
0.18
0.27
V
HO Rise Time
C-load = 1000pF
6
ns
HO Fall Time
C-load = 1000pF
5
ns
IOHH
Peak HO Source Current
VHO = 0V, SW = 0, HB = 8V
2.2
A
IOLH
Peak HO Sink Current
VHO = VHB = 8V
3.3
A
HB to SW Under-voltage
3
V
HB DC Bias Current
HB - SW = 8V
70
100
µA
SWITCHING CHARACTERISTICS
LO Fall to HO Rise Delay
No load
70
ns
HO Fall to LO Rise Delay
No load
60
ns
THERMAL
TSD
Thermal Shutdown
Rising
165
°C
Thermal Shutdown Hysteresis
25
°C
θJA
Junction to Ambient
40
°C/W
θJC
Junction to Case
4
°C/W
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25119/25119Q


Número de pieza similar - LM25119PSQE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25119PSQE/NOPB TI1-LM25119PSQE/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
More results

Descripción similar - LM25119PSQE

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25119 TI-LM25119_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25119/LM25119Q Wide Input Range Dual Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
logo
National Semiconductor ...
LM5119 NSC-LM5119 Datasheet
707Kb / 24P
   Wide Input Range Dual Synchronous Buck Controller
logo
Texas Instruments
LM25119 TI1-LM25119_16 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range, Dual Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM25141 TI1-LM25141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com